Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB128AA85CW8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 1 Page - STMicroelectronics

  M69KB128AA85CW8 Datasheet HTML 1Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 2Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 3Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 4Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 5Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 6Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 7Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 8Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev2
January 2006
1/68
1
M69KB128AA
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
Features summary
■
SUPPLY VOLTAGE
–VCC = 1.7 to 1.95V core supply voltage
–VCCQ = 1.7 to 1.95V for I/O buffers
■
USER-SELECTABLE OPERATING MODES
– Asynchronous Modes: Random Read, and
Write, Page Read
– Synchronous Modes: NOR-Flash, Full
Synchronous (Burst Read and Write)
■
ASYNCHRONOUS RANDOM READ
– Access Times: 70ns, 85ns
■
ASYNCHRONOUS PAGE READ
– Page Size: 4, 8 or 16 Words
– Subsequent Read Within Page: 20ns
■
BURST READ
– Fixed Length (4, 8, 16 or 32 Words) or
Continuous
– Maximum Clock Frequency: 66, 80,
104MHz
– Output delay: 7ns at 104MHz
■
LOW POWER CONSUMPTION
– Active Current: < 25mA
– Standby Current: 200µA
– Deep Power-Down Current: 10µA
■
LOW POWER FEATURES
– Partial Array Self Refresh (PASR)
– Deep Power-Down (DPD) Mode
■
OPERATING TEMPERATURE
– –30°C to +85°C
M69KB128AA IS ONLY AVAILABLE AS PART OF A MULTIPLE MEMORY PRODUCT
Wafer
www.st.com


Similar Part No. - M69KB128AA85CW8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M69KB096AA70CW8 STMICROELECTRONICS-M69KB096AA70CW8 Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M69KB096AA85AW8 STMICROELECTRONICS-M69KB096AA85AW8 Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M69KB096AB STMICROELECTRONICS-M69KB096AB Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
M69KB096AB80CW8 STMICROELECTRONICS-M69KB096AB80CW8 Datasheet
486Kb / 73P
64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
29-Nov-2005
More results

Similar Description - M69KB128AA85CW8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
21-May-2003
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
03-Dec-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
19-Jan-2006
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
24-Sep-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
logo
Numonyx B.V
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com