Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 113Page - PMC-Sierra, Inc PM7367 Datasheet HTML 114Page - PMC-Sierra, Inc PM7367 Datasheet HTML 115Page - PMC-Sierra, Inc PM7367 Datasheet HTML 116Page - PMC-Sierra, Inc PM7367 Datasheet HTML 117Page - PMC-Sierra, Inc PM7367 Datasheet HTML 118Page - PMC-Sierra, Inc PM7367 Datasheet HTML 119Page - PMC-Sierra, Inc PM7367 Datasheet HTML 120Page - PMC-Sierra, Inc PM7367 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
103
RSPE1EN:
The receive small packet error accumulate enable bit (RSPE1EN) enables
counting of minimum packet size violation events. When RSPE1EN is set
high, receipt of a packet that is shorter than 32 bits (CRC-CCITT, Unspecified
CRC or no CRC) or 48 bits (CRC-32) will cause the PMON Configurable
Accumulator #1 register to increment. Small packet errors are ignored when
RSPE1EN is set low.
RFCSE1EN:
The receive frame check sequence error accumulate enable bit (RFCSE1EN)
enables counting of receive FCS error events. When RFCSE1EN is set high,
a mismatch between the received FCS code and the computed CRC residue
will cause the PMON Configurable Accumulator #1 register to increment.
Receive frame check sequence errors are ignored when RFCSE1EN is set
low.
RABRT1EN:
The receive abort accumulate enable bit (RABRT1EN) enables counting of
receive HDLC abort events. When RABRT1EN is set high, receipt of an
abort code (at least 7 contiguous 1's) will cause the PMON Configurable
Accumulator #1 register to increment. Receive aborts are ignored when
RABRT1EN is set low.
RLENE1EN:
The receive packet length error accumulate enable bit (RLENE1EN) enables
counting of receive packet length error events. When RLENE1EN is set high,
receipt of a packet that is longer than the programmable maximum or of a
packet that in not octet aligned will cause the PMON Configurable
Accumulator #1 register to increment. Receive packet length errors are
ignored when RLENE1EN is set low.
RP1EN:
The receive packet enable bit (RP1EN) enables counting of receive error-free
packets. When RP1EN is set high, receipt of an error-free packet will cause
the PMON Configurable Accumulator #1 register to increment. Receive error-
free packets are ignored when RP1EN is set low.
TABRT1EN:
The transmit abort accumulate enable bit (TABRT1EN) enables counting of
transmit HDLC abort events. When TABRT1EN is set high, insertion of an
abort in the outgoing stream will cause the PMON Configurable Accumulator
#1 register to increment. Transmit aborts are ignored when TABRT1EN is set
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com