Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367 Datasheet(PDF) 118 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 118 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 114Page - PMC-Sierra, Inc PM7367 Datasheet HTML 115Page - PMC-Sierra, Inc PM7367 Datasheet HTML 116Page - PMC-Sierra, Inc PM7367 Datasheet HTML 117Page - PMC-Sierra, Inc PM7367 Datasheet HTML 118Page - PMC-Sierra, Inc PM7367 Datasheet HTML 119Page - PMC-Sierra, Inc PM7367 Datasheet HTML 120Page - PMC-Sierra, Inc PM7367 Datasheet HTML 121Page - PMC-Sierra, Inc PM7367 Datasheet HTML 122Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
104
TP1EN:
The transmit packet enable bit (TP1EN) enables counting of transmit
error-free packets. When TP1EN is set high, transmission of an error-free
packet will cause the PMON Configurable Accumulator #1 register to
increment. Transmit error-free packets are ignored when TP1EN is set low.
RSPE2EN:
The receive small packet error accumulate enable bit (RSPE2EN) enables
counting of minimum packet size violation events. When RSPE2EN is set
high, receipt of a packet that is shorter than 32 bits (CRC-CCITT, Unspecified
CRC or no CRC) or 48 bits (CRC-32) will cause the PMON Configurable
Accumulator #2 register to increment. Small packet errors are ignored when
RSPE2EN is set low.
RFCSE2EN:
The receive frame check sequence error accumulate enable bit (RFCSE2EN)
enables counting of receive FCS error events. When RFCSE2EN is set high,
a mismatch between the received FCS code and the computed CRC residue
will cause the PMON Configurable Accumulator #2 register to increment.
Receive frame check sequence errors are ignored when RFCSE2EN is set
low.
RABRT2EN:
The receive abort accumulate enable bit (RABRT2EN) enables counting of
receive HDLC abort events. When RABRT2EN is set high, receipt of an
abort code (at least 7 contiguous 2's) will cause the PMON Configurable
Accumulator #2 register to increment. Receive aborts are ignored when
RABRT2EN is set low.
RLENE2EN:
The receive packet length error accumulate enable bit (RLENE2EN) enables
counting of receive packet length error events. When RLENE2EN is set high,
receipt of a packet that is longer than the programmable maximum or of a
packet that in not octet aligned will cause the PMON Configurable
Accumulator #2 register to increment. Receive packet length errors are
ignored when RLENE2EN is set low.
RP2EN:
The receive packet enable bit (RP2EN) enables counting of receive error-free
packets. When RP2EN is set high, receipt of an error-free packet will cause
the PMON Configurable Accumulator #2 register to increment. Receive error-
free packets are ignored when RP2EN is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com