Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367-PI Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
6
5
DESCRIPTION
The PM7367 FREEDM-32P32 Frame Engine and Datalink Manager device is a
monolithic integrated circuit that implements HDLC processing, and PCI Bus
memory management functions for a maximum of 32 bi-directional channels.
For channelised links, the FREEDM-32P32 allows up to 32 bi-directional HDLC
channels to be assigned to individual time-slots within a maximum of 32
independently timed T1 or E1 links. The channel assignment supports the
concatenation of time-slots (N x DS0) up to a maximum of 24 concatenated time-
slots for a T1 link and 31 concatenated time-slots for an E1 link. Time-slots
assigned to any particular channel need not be contiguous within the T1 or E1
link.
For unchannelised links, the FREEDM-32P32 processes up to 32 bi-directional
HDLC channels within 32 independently timed links. The links can be of
arbitrary frame format. When limited to two unchannelised links, each link can
be rated at up to 45 MHz when SYSCLK is at 25 MHz and at up to 52 MHz when
SYSCLK is at 33 MHz. For lower rate unchannelised links, the FREEDM-32P32
processes up to 32 links, where the aggregate clock rate of all the links is limited
to 64 MHz, links 0 to 2 can have a clock rate of up to 45 MHz when SYSCLK is
at or above 25 MHz and up to 52 MHz when SYSCLK is at 33 MHz and links 3 to
31 can have a clock rate of up to 10 MHz.
The FREEDM-32P32 supports mixing of up to 32 channelised and
unchannelised links. The total number of channels in each direction is limited to
32. The aggregate clock rate over all 32 possible links is limited to 64 MHz.
In the receive direction, the FREEDM-32P32 performs channel assignment and
packet extraction and validation. For each provisioned HDLC channel, the
FREEDM-32P32 delineates the packet boundaries using flag sequence
detection, and performs bit de-stuffing. Sharing of opening and closing flags, as
well as, sharing of zeros between flags are supported. The resulting packet data
is placed into the internal 8 kbyte partial packet buffer RAM. The partial packet
buffer acts as a logical FIFO for each of the assigned channels. Partial packets
are DMA'd out of the RAM, across the PCI bus and into host packet memory.
The FREEDM-32P32 validates the frame check sequence for each packet, and
verifies that the packet is an integral number of octets in length and is within a
programmable minimum and maximum length. The receive packet status is
updated before linking the packet into a receive ready queue. The FREEDM-
32P32 alerts the PCI Host that there are packets in a receive ready queue by,
optionally, asserting an interrupt on the PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com