Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367-PI Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
23
Table 3 – Miscellaneous Interface Signals (41)
Pin Name
Type
Pin
No.
Function
SYSCLK
Input
J4
The system clock (SYSCLK) provides timing for
the core logic. SYSCLK is nominally a 50% duty
cycle 25 MHz to 33 MHz clock.
RSTB
Input
U14
The active low reset signal (RSTB) signal
provides an asynchronous FREEDM-32P32
reset. RSTB is an asynchronous input. When
RSTB is set low, all FREEDM-32P32 registers are
forced to their default states. In addition,
TD[31:0] are forced high and all PCI output pins
are forced tri-state and will remain high or
tri-stated, respectively, until RSTB is set high.
PMCTEST
Input
V15
The PMC production test enable signal
(PMCTEST) places the FREEDM-32P32 is test
mode. When PMCTEST is set high, production
test vectors can be executed to verify
manufacturing via the test mode interface signals
TA[10:0], TA[11]/TRS, TRDB, TWRB and
TDAT[15:0]. PMCTEST must be tied low in
normal operation.
TCK
Input
K2
The test clock signal (TCK) provides timing for
test operations that can be carried out using the
IEEE P1149.1 test access port. TMS and TDI are
sampled on the rising edge of TCK. TDO is
updated on the falling edge of TCK.
TMS
Input
J1
The test mode select signal (TMS) controls the
test operations that can be carried out using the
IEEE P1149.1 test access port. TMS is sampled
on the rising edge of TCK. TMS has an integral
pull up resistor.
TDI
Input
K3
The test data input signal (TDI) carries test data
into the FREEDM-32P32 via the IEEE P1149.1
test access port. TDI is sampled on the rising
edge of TCK.
TDI has an integral pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com