Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367-PI Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 55Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 57Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 58Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 59Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 60Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 61Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 62Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
45
Figure 8 – Receive Channel Descriptor Reference Table
RPD Pointer[13:0]
Bytes Available in Buffer[15:0]
Start RPD Pointer[13:0]
DMA Current Address[31:0]
RBC[1:0]
Bit 0
Bit 31
RCC 0
RCC 1
RCC 31
RPD Pointer[13:0]
Bytes Available in Buffer[15:0]
Start RPD Pointer[13:0]
DMA Current Address[31:0]
RPD Pointer[13:0]
Bytes Available in Buffer[15:0]
Start RPD Pointer[13:0]
DMA Current Address[31:0]
RBC[1:0]
RBC[1:0]
Buffer Size[15:0]
Buffer Size[15:0]
Buffer Size[15:0]
V
V
V
Res
Res
Res
Table 8 – Receive Channel Descriptor Reference Table Fields
Field
Description
Bytes Available in
Buffer[15:0]
This field is used to keep track of the number of bytes
available in the current data buffer. The RMAC initialises
the Bytes Available in Buffer to the Receive Buffer Size
minus the offset at the head of the buffer. The field is
decremented each time a byte is written into the buffer.
RBC[1:0]
This field is used to keep track of the number of buffers
used when storing ‘raw’ (i.e. non packet delimited) data.
The RMAC initialises the RBC field to the value of the
RAWMAX[1:0] field in the RMAC Control Register. The
field is decremented each time a buffer is filled with
data. If the field reaches zero, the chain of RPDs is
placed on the ready queue and a new chain started.
RPD Pointer[13:0]
This field contains the pointer to the current RPD.
Buffer Size[15:0]
This field contains the size in bytes of the buffer
currently being written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com