| Electronic Components Datasheet Search |
|
PM7367-PI Datasheet(PDF) 106 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367-PI Datasheet(HTML) 106 Page - PMC-Sierra, Inc |
|
106 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 92 Register 0x010 : FREEDM-32P32 Master Link Activity Monitor Bit Type Function Default Bit 31 to Bit 16 Unused XXXXH Bit 15 R TLGA[7] X Bit 14 R TLGA[6] X Bit 13 R TLGA[5] X Bit 12 R TLGA[4] X Bit 11 R TLGA[3] X Bit 10 R TLGA[2] X Bit 9 R TLGA[1] X Bit 8 R TLGA[0] X Bit 7 R RLGA[7] X Bit 6 R RLGA[6] X Bit 5 R RLGA[5] X Bit 4 R RLGA[4] X Bit 3 R RLGA[3] X Bit 2 R RLGA[2] X Bit 1 R RLGA[1] X Bit 0 R RLGA[0] X This register provides activity monitoring on FREEDM-32P32 receive and transmit link inputs. When a monitored input makes a low to high transition, the corresponding register bit is set high. The bit will remain high until this register is read, at which point, all the bits in this register are cleared. A lack of transitions is indicated by the corresponding register bit reading low. This register should be read at periodically to detect for stuck at conditions. Note This register is not byte addressable. Reading this register clears all the activity bits in the register. Byte selection using byte enable signals (CBEB[3:0]) are not |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |