Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3671301 Datasheet(PDF) 4 Page - Amphenol Industrial Products Group.

Part # 3671301
Description  Amphe-PV H4 Plus™ Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

3671301 Datasheet(HTML) 4 Page - Amphenol Industrial Products Group.

  3671301 Datasheet HTML 1Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 2Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 3Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 4Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 5Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 6Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 7Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 8Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 9Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Part 2: Technical Data
Part 3: Connector and Tool Selection
Rated Voltage
1500V DC
Rated Current
TUV (IEC 62852)
25A @85°C; (2.5mm²)
35A @85°C; (4.0 mm²)
45A @85°C; (6.0mm²)
65A @85°C; (10.0mm²)
UL (UL6703)
15A (14AWG)
20A (12AWG)
30A (10AWG)
50A (8AWG)
Protection Degree:
IP68(1m,24) , IP2X,
IP68 mated (1m@24H) and IP2X unmated
Safety Class:
II
Operation Temperature Range:
-40°C to +85°C
License Holder:
Amphenol Industrial Operations
H4
X
X
X
X
X
X
X
Product
Type
Gender
Connector Type
Terminals
- Cable Size
Certifications
Packaging
Contact
H4
S
(Amphe-PV
H4 Plus)
F Female + C Cable Connector
0 Less Contacts
T TUV
I
1pcs/bag,
800pcs/box
S
Stamped &
Formed
M Male -
M
Panel Mounted
M12
2 2.5mm2/14AWG
D TUV & UL
C
100pcs/bag
800pcs/box
Blank
Cold
Formed
D
Manual Unlock
Cable Connector
4
4mm2/12AWG&
6mm2/10AWG(S&F);
4mm2/12AWG(CF)
M
400pcs/bag
800pcs/box
B
Manual Unlock
Panel Mounted
M12
6 6mm2/10AWG(CF)
8 10mm2/8AWG
UTX
X
X
X
X
X
Product
Type
Gender
Terminals
- Cable Size
Packaging
Variations
UTX
F
Stamped & Formed
Contact
F Female +
2 2.5mm2/14AWG
R 2000PCS/reel
M Male -
4 4mm2/12AWG&6mm2/10AWG
3.1: Connector Part Number Code Logic
3.2: S&F Contact Part Number Code Logic (Reel Type Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com