Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3671301 Datasheet(PDF) 6 Page - Amphenol Industrial Products Group.

Part # 3671301
Description  Amphe-PV H4 Plus™ Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

3671301 Datasheet(HTML) 6 Page - Amphenol Industrial Products Group.

Back Button 3671301 Datasheet HTML 2Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 3Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 4Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 5Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 6Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 7Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 8Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 9Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 10Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Part 4: Assembly Process of Terminal and Cable
4.1: Applicable Cable Selection
4.1.1 Only suitable for the PV cable with cooper conductor. Tin coated wire of conductors is recommended.
4.1.2 The cable OD range from ø5.0mm to ø7.8m, the number of conductor strands is from 7 to 140 for
2.5/4.0/6.0mm² connector.
The cable OD range from ø7.5mm to ø8.8m, the number of conductor strands is from 19 to 77 for
10mm²/8AWG connector.
4.1.3 This connector is only suitable for cables with EN 50618, IEC62930, UL 4703 and USE-2 certification.
4.1.4 For use with others cable, do crimping and sealing performance verification first or contact Amphenol.
4.2: Crimping Tool Selection
Please choose the crimping die based on the terminal and cross section area of cable conductor. Use of the wrong
crimping die may lead to the connector overheating, and lower the reliability of the connector.
Crimping Die Layout
Locator PV-693783-000
Handshake PV-693781-000
Crimping die PV-693782-000
4. TEST SPEC SEE PV-693786-000
3. THE HANDSHAKE MOVING MECHANISM IS ALLOWED TO HAVE LUBRICATING OIL, BUT CANNOT
OVERFLOW.OTHER PART SURFACE SHOULD BE CLEAN AND WITHOUT OIL OR OXIDATION.
2. SPECIFIED GENERAL TOLERANCE
A. ALL THE ROUNDED CORNERS RADIUS 0.3mm MIN.
B. BURRS NOT TO EXCEED 0.03mm FOR ANY SURFACE.
1. THE REFERENCED MATERIAL SHALL BE CERTIFIED COMPLIANT TO THE LATEST
ROHS AND REACH REQUIRMENT.
NOTES:
2018-10-31
APPROVALS
DATE
PREPARED BY
ENGINEER IN CHARGE
DESIGN MANAGER
THIRD ANGLE PROJECTION
DESIGN ACTIVITY GROUP
PARTS LIST
NOTE
DESCRIPTION
PART NUMBER
QTY
POS
SPECIFICATIONS
MATERIAL SPEC.
PROCESS SPEC.
UNLESS OTHERWISE SPECIFIED
Peter Xia
N/A
SHEET 1 OF 1
SCALE:1.0
A
REV.
PV-693780-000
Crimping tool for H4 and UTX 4/6/10mm2 C&F contact
OTHER AMPHENOL STANDARDS: 9-9318
Building C, Xia Shi Jia 2nd Industrial Estate, Gongming, Shenzhen, 518106, China.
Amphenol Technology (ShenZhen) Co., Ltd.
DOCUMENT NO.
2
3
4
1
2
3
4
1
A
B
C
D
D
C
B
A
REVISIONS
LTR
DESCRIPTION
DATE
INITIAL RELEASE
2018-10-31
A
GENERAL TOLERANCE
DIM. RANGE
≤ 3
> 3 ~ 6
> 6 ~ 30 > 30 ~ 120 > 120 ~ 400
±0.5
±0.2
±0.1
±0.1
TOLERANCE
±0.3
DRM PER MIL-DTL-31000;
DIM.& TOL. PER ASME Y14.5M-1994;
---------------------------------------------------------------
WITHOUT WRITTEN PERMISSION FROM THE AMPHENOL CORP.
LINEAR DIMENSIONS ARE IN:
MILLIMETERS
TOLERANCES:
ANGLES= ±2°
DEFAULT LINEAR TOLERANCES SEE TABLE
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND
SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
N/A
Handshake PV-693781-000
Crimping die PV-693782-001
Locator PV-693783-001
4. TEST SPEC SEE PV-693786-000
3. THE HANDSHAKE MOVING MECHANISM IS ALLOWED TO HAVE LUBRICATING OIL, BUT CANNOT
OVERFLOW.OTHER PART SURFACE SHOULD BE CLEAN AND WITHOUT OIL OR OXIDATION.
2. SPECIFIED GENERAL TOLERANCE
A. ALL THE ROUNDED CORNERS RADIUS 0.3mm MIN.
B. BURRS NOT TO EXCEED 0.03mm FOR ANY SURFACE.
1. THE REFERENCED MATERIAL SHALL BE CERTIFIED COMPLIANT TO THE LATEST
ROHS AND REACH REQUIRMENT.
NOTES:
UPDATE LOCATION
APPROVALS
DATE
PREPARED BY
ENGINEER IN CHARGE
DESIGN MANAGER
THIRD ANGLE PROJECTION
DESIGN ACTIVITY GROUP
PARTS LIST
NOTE
DESCRIPTION
PART NUMBER
QTY
POS
SPECIFICATIONS
MATERIAL SPEC.
PROCESS SPEC.
UNLESS OTHERWISE SPECIFIED
2020-04-22
N/A
2018-10-31
Peter Xia
N/A
SHEET 1 OF 1
SCALE:1.0
A1
OTHER AMPHENOL STANDARDS: 9-9318
Building C, Xia Shi Jia 2nd Industrial Estate, Gongming, Shenzhen, 518106, China.
Amphenol Technology (ShenZhen) Co., Ltd.
DOCUMENT NO.
2
3
4
1
2
3
4
1
A
B
C
D
D
C
B
A
REVISIONS
LTR
DESCRIPTION
DATE
INITIAL RELEASE
2018-10-31
A
GENERAL TOLERANCE
DIM. RANGE
≤ 3
> 3 ~ 6
> 6 ~ 30 > 30 ~ 120 > 120 ~ 400
±0.5
±0.2
±0.1
±0.1
TOLERANCE
±0.3
DRM PER MIL-DTL-31000;
DIM.& TOL. PER ASME Y14.5M-1994;
---------------------------------------------------------------
WITHOUT WRITTEN PERMISSION FROM THE AMPHENOL CORP.
Crimping tool for H4 and UTX 2.5/4&6mm2 C&F contact
PV-693780-001
REV.
LINEAR DIMENSIONS ARE IN:
MILLIMETERS
TOLERANCES:
ANGLES= ±2°
DEFAULT LINEAR TOLERANCES SEE TABLE
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND
SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
A1
Handshake PV-693781-000
Crimping die PV-693782-004
Locator PV-693783-002
NOTES:
4. TEST SPEC SEE PV-693786-000
3. THE HANDSHAKE MOVING MECHANISM IS ALLOWED TO HAVE LUBRICATING OIL, BUT CANNOT
OVERFLOW.OTHER PART SURFACE SHOULD BE CLEAN AND WITHOUT OIL OR OXIDATION.
2. SPECIFIED GENERAL TOLERANCE
A. ALL THE ROUNDED CORNERS RADIUS 0.3mm MIN.
B. BURRS NOT TO EXCEED 0.03mm FOR ANY SURFACE.
1. THE REFERENCED MATERIAL SHALL BE CERTIFIED COMPLIANT TO THE LATEST
ROHS AND REACH REQUIRMENT.
+
Update location
APPROVALS
DATE
PREPARED BY
ENGINEER IN CHARGE
DESIGN MANAGER
THIRD ANGLE PROJECTION
DESIGN ACTIVITY GROUP
PARTS LIST
NOTE
DESCRIPTION
PART NUMBER
QTY
POS
SPECIFICATIONS
MATERIAL SPEC.
PROCESS SPEC.
UNLESS OTHERWISE SPECIFIED
2020-04-22
A1
Update locator P/N
2018-12-17
N/A
2018-10-31
Peter Xia
N/A
OTHER AMPHENOL STANDARDS: 9-9318
Building C, Xia Shi Jia 2nd Industrial Estate, Gongming, Shenzhen, 518106, China.
Amphenol Technology (ShenZhen) Co., Ltd.
DOCUMENT NO.
2
3
4
1
2
3
4
1
A
B
C
D
D
C
B
A
REVISIONS
LTR
DESCRIPTION
DATE
INITIAL RELEASE
2018-10-31
A
GENERAL TOLERANCE
DIM. RANGE
≤ 3
> 3 ~ 6
> 6 ~ 30 > 30 ~ 120 > 120 ~ 400
±0.5
±0.2
±0.1
±0.1
TOLERANCE
±0.3
DRM PER MIL-DTL-31000;
DIM.& TOL. PER ASME Y14.5M-1994;
---------------------------------------------------------------
WITHOUT WRITTEN PERMISSION FROM THE AMPHENOL CORP.
Crimping tool for UTX 2.5/4/6mm2 S&F contact
PV-693780-002
REV.
A2
SCALE:1.0
SHEET 1 OF 1
LINEAR DIMENSIONS ARE IN:
MILLIMETERS
TOLERANCES:
ANGLES= ±2°
DEFAULT LINEAR TOLERANCES SEE TABLE
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND
SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
A2
Cold Formed Contact
Cable Conductor
IEC 60228 class 2,5,6
Crimp Die
Crimping width
height (mm)
Pull force
(N)
Conductor
Compression
Ratio
Type
Crimp Barrel
AWG
Cross section
area (mm2)
Part number Position
OD
(mm)
ID
(mm)
C&F 2.5
3.50
2.30
14
2.08
UTXTD0004
b1
2.40
>223
70%~90%
C&F 4
4.60
3.05
12
3.31
UTXTD0005
c1
3.05
>312
C&F 6
6.00
3.76
10
5.26
UTXTD0005
c3
4.10
>356
C&F 10.0
6.20
4.70
8
8.20
UTXTD0005
c2
4.20
>401
Stamping Con-
tact Size
Cable Conductor
IEC 60228 class 2,5,6
Crimp Die
Crimping
Pull
force
min
(N)
Conductor
Compression
Ratio
AWG
Cross section
area (mm2)
Part number
Position
Height
(mm)
Width
(mm)
S&F 2.5
14
2.08
UTXTD0003
a1
2.05
3.40
>223
70%~90%
S&F 4&6
12
3.31
a2
2.39
4.00
>312
10
5.26
a3
2.65
4.25
>356
a1
a2
a3
c1
c2
c3
c4
b1
b2
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com