Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3671301 Datasheet(PDF) 7 Page - Amphenol Industrial Products Group.

Part # 3671301
Description  Amphe-PV H4 Plus™ Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

3671301 Datasheet(HTML) 7 Page - Amphenol Industrial Products Group.

Back Button 3671301 Datasheet HTML 3Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 4Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 5Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 6Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 7Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 8Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 9Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 10Page - Amphenol Industrial Products Group. 3671301 Datasheet HTML 11Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
4.3: Adjust Crimping Tool
If needed, following below steps to adjust the pressure force to optimize crimping.
I. Loosen the screw (A) with a screwdriver.
II. Turn the dial counter (B) clockwise (+) to increase the crimping force. This also reduces the jaw spread.
III. Turn the dial clockwise (-) to reduce the strength of the crimping force. This also increases the jaw spread. Do exceed 180N.
IV. After changing the setting, make sure the screw is adequately tightened.
Emergency release
Replaceable dies
Replaceable locator
Pressure adjustment for actuation force
4.4: Crimping quality verification
Great variations exist in the diameter, quantity and cross section of strands between PV cables made by different
manufactures, so the above dimensions are only for reference. In order to get quality crimping, please verify the pull
force and crimping cross section.
Pull force between the contact and cable should meet to UL486a-486b, refer to the table in section 4.2
The cross section inspection standard:
• The crimp shall have all cable strands compressed into a hexagonal shape with minimal voids.
• No cracks/fractures in crimp material or wire stranding
• Ensure symmetrical and uniform distribution of strands
• All strands are captured within crimp
• Crimp wings are fully closed at surface. Crimping wings are curled evenly and uniform
• The burr on the base of the crimp must not exceed 0.1mm, and will not scratch the sealing component in the next
assembly process
• Crimping cross section criteria can be found in USCAR21as below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com