Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAR250BK7 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 5 Page - Cypress Semiconductor

  STAR250BK7 Datasheet HTML 1Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 2Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 3Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 4Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 5Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 6Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 7Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 8Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 5 of 24
Pixel Profile
Figure 3. Pixel Profile
The pixel profile is measured using the 'knife edge' method:
the image of a target containing a black to white transition is
scanned over a certain pixel with subpixel resolution steps.
The image sensors settings and the illumination conditions are
adjusted such that the transition covers 50% of the output
range. The scan is performed both horizontal and vertical.
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100 105 110
Scan distance [mm]
horizontal pixel profile
Vertica pixel profile
Imaginarypixel boundaries
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com