Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAR250BK7 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 14Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 15Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 16Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 17Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 18Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 19Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 20Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 21Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 18 of 24
48
G_AB
Anti-blooming drain control voltage:
Default: connect to ground. The anti-blooming is operational but not maximal.
Apply 1V DC for improved anti-blooming.
72
PBIASDIG2
Connect with 100K to GND and decouple to VDD.
73
PBIASENCLOAD
Connect with 100K to GND and decouple to VDD.
74
PBIASDIG1
Connect with 47K to GND and decouple to VDD.
Table 13. Analog Output Signals
Pin
Pin Name
Pin Description
43
OUT
Analogue output signal are connected to the analogue input of the ADC.
Table 14. Test Structures
Pin
Pin Name
Pin Description
81
TESTDIODE
Plain photo diode, size: 14 x 25 pixels.
Must be left open for normal operation.
82
TESTPIX
ARRAY
Array of test pixels, connected in parallel (14 x 25 pixels).
Must be left open for normal operation.
83
TESTPIXEL_RESET
Reset input of single test pixel.
Must be tied to GND for normal operation.
84
TESTPIXEL_OUT
Output of single test pixel.
Must be left open for normal operation.
Table 12. Analog Input Signals (continued)
Pin
Pin Name
Pin Description
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com