Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54003L-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD54003L-E
Description  RF Power Transistors The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003L-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD54003L-E Datasheet HTML 3Page - STMicroelectronics PD54003L-E Datasheet HTML 4Page - STMicroelectronics PD54003L-E Datasheet HTML 5Page - STMicroelectronics PD54003L-E Datasheet HTML 6Page - STMicroelectronics PD54003L-E Datasheet HTML 7Page - STMicroelectronics PD54003L-E Datasheet HTML 8Page - STMicroelectronics PD54003L-E Datasheet HTML 9Page - STMicroelectronics PD54003L-E Datasheet HTML 10Page - STMicroelectronics PD54003L-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PD54003L-E
2 Typical Performance
7/13
2.1
Typical Performance (Broadband)
Figure 9.
Power Gain vs Frequency
Figure 10. Efficiency vs Frequency
Figure 11. Return Loss vs Frequency
0
2
4
6
8
10
12
14
16
18
20
460
470
480
490
500
510
520
530
540
f (MHz)
Vds = 7.5 V
Idq = 50 mA
Pout= 3 W
0
10
20
30
40
50
60
70
460
470
480
490
500
510
520
530
540
f (MHz)
Vds = 7.5 V
Iqd = 50 mA
Pout = 3 W
-25
-20
-15
-10
-5
0
460
470
480
490
500
510
520
530
540
f (MHz)
Vds = 7.5 V
Idq = 50 mA
Pout = 3 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com