Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54003L-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD54003L-E
Description  RF Power Transistors The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003L-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD54003L-E Datasheet HTML 1Page - STMicroelectronics PD54003L-E Datasheet HTML 2Page - STMicroelectronics PD54003L-E Datasheet HTML 3Page - STMicroelectronics PD54003L-E Datasheet HTML 4Page - STMicroelectronics PD54003L-E Datasheet HTML 5Page - STMicroelectronics PD54003L-E Datasheet HTML 6Page - STMicroelectronics PD54003L-E Datasheet HTML 7Page - STMicroelectronics PD54003L-E Datasheet HTML 8Page - STMicroelectronics PD54003L-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1 Electrical Data
PD54003L-E
4/13
1.3
Electrical Characteristics
(TCASE = 25°C)
Table 3.
Static
Table 4.
Dynamic
Table 5.
ESD Protection Characteristics
Table 6.
Moisture Sensitivy Level
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 25 V
1
μA
IGSS
VGS = 20 V
VDS = 0 V
1
μA
VGS(Q)
VDS = 10 V
ID = 50 mA
2.0
3.3
V
VDS(ON)
VGS = 10 V
ID = 0.5 A
0.13
0.16
V
gFS
VDS = 10 V
ID = 3.2 A
TBD
mho
CISS
VGS = 0 V
VDS = 7.5 V
f = 1 MHz
54
pF
COSS
VGS = 0 V
VDS = 7.5 V
f = 1 MHz
43
pF
CRSS
VGS = 0 V
VDS = 7.5 V
f = 1 MHz
4.0
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 7.5 V IDQ = 50 mA
f = 500MHz
3W
GPS
VDD = 7.5 V IDQ = 50 mA POUT = 3 W
f = 500MHz
16
20
dB
ηD
VDD = 7.5 V IDQ = 50 mA POUT = 3 W
f = 500MHz
50
55
%
Load
Mismatch
VDD = 9.5 V IDQ = 50 mA POUT = 3W
f = 500MHz
All Phase Angles
20:1
VSWR
Test Conditions
Class
Human Body Model
2
Machine Model
M3
Test Methodology
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com