Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54003L-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD54003L-E
Description  RF Power Transistors The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003L-E Datasheet(HTML) 5 Page - STMicroelectronics

  PD54003L-E Datasheet HTML 1Page - STMicroelectronics PD54003L-E Datasheet HTML 2Page - STMicroelectronics PD54003L-E Datasheet HTML 3Page - STMicroelectronics PD54003L-E Datasheet HTML 4Page - STMicroelectronics PD54003L-E Datasheet HTML 5Page - STMicroelectronics PD54003L-E Datasheet HTML 6Page - STMicroelectronics PD54003L-E Datasheet HTML 7Page - STMicroelectronics PD54003L-E Datasheet HTML 8Page - STMicroelectronics PD54003L-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PD54003L-E
2 Typical Performance
5/13
2
Typical Performance
Figure 1.
Capacitance vs. Supply Voltage
Figure 2.
Output Power vs. Input Power
Figure 3.
Power Gain vs. Output Power
Figure 4.
Efficiency vs Output Power
Figure 5.
Output Power vs Bias Current
1
10
100
1000
0
2
4
6
8
10
12
14
16
Vds (V)
Coss
Ciss
Crss
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
55
60
Pin (mW)
f = 500 MHz
Vds = 7.5 V
Idq= 50 mA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
01
23
45
Pout (W)
f = 500 MHz
Vds = 7.5 V
Idq = 50 mA
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
55
60
Pin (mW)
f = 500 MHz
Vds = 7.5 V
Idq= 50 mA
0
1
2
3
4
0
50
100
150
200
250
300
350
400
450
500
Idq (mA)
f = 500 MHz
Vds = 7.5 V
Pin= 15 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com