Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55003L-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55003L-E Datasheet HTML 4Page - STMicroelectronics PD55003L-E Datasheet HTML 5Page - STMicroelectronics PD55003L-E Datasheet HTML 6Page - STMicroelectronics PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics PD55003L-E Datasheet HTML 10Page - STMicroelectronics PD55003L-E Datasheet HTML 11Page - STMicroelectronics PD55003L-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical specification
PD55003L-E
8/19
Rev1
2.2
Typical performance (broadband)
Figure 11. Power Gain Vs Frequency
Figure 12. Efficiency Vs Frequency
Figure 13. Return Loss Vs Frequency
0
2
4
6
8
10
12
14
16
18
20
47 0
48 0
4 90
50 0
51 0
5 20
53 0
5 40
f (MHz )
Vd s = 1 2.5 V
Id q = 50 m A
P o ut = 3 W
0
10
20
30
40
50
60
4 70
48 0
49 0
5 00
51 0
52 0
5 30
540
f (MHz )
Vd s = 1 2.5 V
Idq = 50 m A
P out = 3 W
-30
-25
-20
-15
-10
-5
0
4 70
4 80
49 0
500
510
5 20
53 0
54 0
f (MHz )
Vds = 12.5 V
Id q = 5 0 m A
Pout = 3 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com