Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55003L-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD55003L-E Datasheet HTML 5Page - STMicroelectronics PD55003L-E Datasheet HTML 6Page - STMicroelectronics PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics PD55003L-E Datasheet HTML 10Page - STMicroelectronics PD55003L-E Datasheet HTML 11Page - STMicroelectronics PD55003L-E Datasheet HTML 12Page - STMicroelectronics PD55003L-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PD55003L-E
Test circuit schematic
Rev1
9/19
3
Test circuit schematic
Q
R4
R3
R1
B1
L
C12
C1
C5
C6
B2
C13
1
2
VDD
1
2
VGG
RF out
N2
RF in
N1
C7
+
C8
Z1
Z2
Z5
Z3
C2
C3
Z6
Z7
C10
Z8
C14
C15 C16
Z4
Z10
C4
C9
C11
Z9
Z1
0.709” X 0.08”
Z2
0.551” X 0.08”
Z3
0.217” X 0.08”
Z4
0.059” X 0.08”
Z5
0.452” X 0.223”
Z6
0.260” X 0.223”
Z7
0.118” X 0.08”
Z8
0.315” X 0.08”
Z9
0.866” X 0.08”
Z10
0.512” X 0.08”
Table 8.
Test Circuit Component List
Component
Description
B1, B2
FERRIDE BEAD
C1, C12
3000Pf, 100B ATC CHIP CAPACITOR
C2, C3
15pF, 100B ATC CHIP CAPACITOR
C4, C9
0 -:- 20 pF VARIABLE CAPACITOR JOHANSON
C5, C13
120pF 100B ACT CHIP CAPACITOR
C6, C14
0.1mF 100B ACT CAPACITOR
C7, C15
1200pF 100B ACT CAPACITOR
C8, C16
10µF, 35V, SMD ELECTROLYTIC CAPACITOR
C10
0.5 -:- 5pF VARIABLE CAPACITOR JOHANSON
C11
0.8 -:- 10pF VARIABLE CAPACITOR JOHANSON
R1
33K
Ω CHIP RESISTOR 1W
R2, R3
15
Ω MELF RESISTOR 1W
R4
1K
Ω CHIP RESISTOR 1W
N1, N2
TYPE N FLANGE MOUNT
BOARD
ROGER ULTRA LAM 2000 THK 0.030” εr = 2.55 2OZ ED Cu BOTH SIDES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com