Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55003L-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD55003L-E
Description  RF POWER TRANSISTOR The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003L-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD55003L-E Datasheet HTML 1Page - STMicroelectronics PD55003L-E Datasheet HTML 2Page - STMicroelectronics PD55003L-E Datasheet HTML 3Page - STMicroelectronics PD55003L-E Datasheet HTML 4Page - STMicroelectronics PD55003L-E Datasheet HTML 5Page - STMicroelectronics PD55003L-E Datasheet HTML 6Page - STMicroelectronics PD55003L-E Datasheet HTML 7Page - STMicroelectronics PD55003L-E Datasheet HTML 8Page - STMicroelectronics PD55003L-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2006
Rev1
1/19
19
General features
■
Excellent thermal stability
■
Common source configuration
■
POUT =3W mith 17dB gain@500MHz/12.5V
■
New leadless plastic package
■
Esd protection
■
Supplied in tape & reel of 3K units
■
In compliance with 2002/95/EC european
directive
Description
The PD55003L-E is a common source N-
Channel, enhancement-mode lateral Field-Effect
RF power transistor. It is designed for high gain,
broadband commercial and industrial application.
It operates at 12V in common source mode at
frequencies of up to 1GHz. PD5500L-E boasts
the excellent gain, linearity and reliability of
STH1LV latest LD-MOS technology mounted in
the innovative leadless SMD plastic package,
PowerFLAT™.
PD5500L-E’s superior linearity performances
makes it an ideal solution for car mobile radio.
PIN configuration
PowerFLAT
™(5x5)
TOP VIEW
PD55003L-E
RF POWER TRANSISTOR
The LdmoST Plastic FAMILY
www.st.com
Order codes
Sales Type
Marking
Package
Packaging
PD55003L-E
55003
PowerFLAT™(5x5)
TAPE & REEL


Similar Part No. - PD55003L-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
logo
List of Unclassifed Man...
PD55003L ETC1-PD55003L Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - PD55003L-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
PD84002 STMICROELECTRONICS-PD84002 Datasheet
584Kb / 16P
RF power transistor The LdmoST plastic family
05-Dec-2007
PD85004 STMICROELECTRONICS-PD85004 Datasheet
662Kb / 18P
RF power transistor the LdmoST plastic family
22-Aug-2008
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
RF power transistor the LdmoST plastic family
06-Dec-2007
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
RF power transistor the LdmoST plastic family
25-Aug-2008
STAP57100 STMICROELECTRONICS-STAP57100 Datasheet
181Kb / 8P
RF power transistor the LdmoST family
08-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com