Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F5LP6A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 14Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LC87F5LP6A
No.A0664-11/28
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Other functions
P70: INT0 input/HOLD release input/Timer 0L capture input/Output for watchdog timer
P71: INT1 input/HOLD release input/Timer 0H capture input
P72: INT2 input/HOLD release input/Timer 0 event input/Timer 0L capture input
P73: INT3 input with noise filter/Timer 0 event input/Timer 0H capture input
• Interrupt acknowledge type
Rising
Falling
Rising/
Falling
H level
L level
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
P70 to P73
I/O
• AD converter input port: AN8 (P70), AN9 (P71)
No
Port 8
P80 to P87
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Other functions
P80 to P87: AD converter input port
No
Port A
PA0 to PA5
I/O
• 6-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
Yes
Port B
PB0 to PB7
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
Yes
Port C
PC0 to PC7
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Pin functions
PC5 to PC7: On-chip Debugger
Yes
Port E
PE0 - PE7
I/O
• 8-bit I/O port
• I/O specifiable in 2-bit units
• Pull-up resistor can be turned on and off in 1-bit units
No
Port F
PF0 to PF7
I/O
• 8-bit I/O port
• I/O specifiable in 2-bit units
• Pull-up resistor can be turned on and off in 1-bit units
No
SIO2 Port
SI2P0 to SI2P3
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Shared functions:
SI2P0: SIO2 data output
SI2P1: SIO2 data input, bus input/output
SI2P2: SIO2 clock input/output
SI2P3: SIO2 clock output
No
PWM0
O
• PWM0 output port
• General-purpose I/O available
No
PWM1
O
• PWM1 output port
• General-purpose I/O available
No
RES
I
Reset pin
No
XT1
I
• Input terminal for 32.768kHz X'tal oscillation
• Shared functions:
AN10: AD converter input port
General-purpose input port
Must be connected to VDD1 if not to be used.
No
XT2
I/O
• Output terminal for 32.768kHz X'tal oscillation
• Shared functions:
AN11: AD converter input port
General-purpose I/O port
Must be set for oscillation and kept open if not to be used.
No
CF1
I
Ceramic resonator input pin
No
CF2
O
Ceramic resonator output pin
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com