Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F5LP6A Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 14Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 15Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 16Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 17Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 18Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LC87F5LP6A
No.A0664-15/28
Recommended Operating Range at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
0.245
µs≤ tCYC≤200µs
4.5
5.5
0.367
µs≤ tCYC≤200µs
3.0
5.5
Operating
supply voltage
(Note2-1)
VDD(1)
VDD1=VDD2
=VDD3=VDD4
0.588
µs≤ tCYC≤200µs
2.5
5.5
Memory
sustaining
supply voltage
VHD
VDD1=VDD2
=VDD3=VDD4
RAM and register contents in
HOLD mode.
2.0
5.5
VIH(1)
Ports 1, 2, 3
SI2P0 to SI2P3
P71 to P73
P70 port input/
interrupt side
2.5 to 5.5
0.3VDD
+0.7
VDD
VIH(2)
Ports 0, 8
Ports A, B, C, E, F
PWM0, PWM1
2.5 to 5.5
0.3VDD
+0.7
VDD
VIH(3)
P70 Watchdog timer
side
2.5 to 5.5
0.9VDD
VDD
High level input
voltage
VIH(4)
XT1, XT2, CF1,
RES
2.5 to 5.5
0.75VDD
VDD
VIL(1)
Ports 1, 2, 3
SI2P0 to SI2P3
P71 to P73
P70 port input/
interrupt
2.5 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
Ports 0, 8
Ports A, B, C, E, F
PWM0, PWM1
2.5 to 5.5
VSS
0.15VDD
+0.4
VIL(5)
Port 70 Watchdog
timer
2.5 to 5.5
VSS
0.8VDD
-1.0
Low level input
voltage
VIL(6)
XT1, XT2, CF1,
RES
2.5 to 5.5
VSS
0.25VDD
V
4.5 to 5.5
0.245
200
3.0 to 5.5
0.367
200
Instruction cycle
time
tCYC
(Note2-2)
2.5 to 5.5
0.588
200
µs
4.5 to 5.5
0.1
12
3.0 to 5.5
0.1
8
• CF2 pin open
• System clock frequency
division rate=1/1
• External system clock
duty=50±5%
2.5 to 5.5
0.1
5
4.5 to 5.5
0.2
24.4
3.0 to 5.5
0.2
16
External system
clock frequency
FEXCF(1)
CF1
• CF2 pin open
• System clock frequency
division rate=1/2
2.5 to 5.5
0.2
10
MHz
FmCF(1)
CF1, CF2
10MHz ceramic oscillation
See Fig. 1.
4.5 to 5.5
10
FmCF(2)
CF1, CF2
8MHz ceramic oscillation
See Fig. 1.
3.0 to 5.5
8
FmCF(3)
CF1, CF2
4MHz ceramic oscillation
See Fig. 1.
2.5 to 5.5
5
FmCF(4)
CF1, CF2
12MHz ceramic oscillation
See Fig. 1.
4.5 to 5.5
12
FmRC
Internal RC oscillation
2.5 to 5.5
0.3
1.0
2.0
FmMRC
Frequency variable RC
oscillation source oscillation
2.5 to 5.5
16
MHz
Oscillation
frequency
range
(Note2-3)
FsX’tal
XT1, XT2
32.768kHz crystal oscillation.
See Fig. 2.
2.5 to 5.5
32.768
kHz
Note 2-1: VDD must be held greater than or equal to 3.0V in the flash ROM onboard programming mode.
Note 2-2: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at
a division ratio of 1/2.
Note 2-3: See Tables 1 and 2 for the oscillation constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com