Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F5LP6A Datasheet(PDF) 23 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 23 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 19Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 21Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 22Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 23Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 24Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 25Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 26Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 27Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LC87F5LP6A
No.A0664-23/28
F-ROM Programming Characteristics at Ta = +10°C to +55°C, VSS1 = VSS2 = VSS3 = VSS4 = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Onboard
programming
current
IDDFW(1)
VDD1
• 128-byte programming
• Erasing current including
3.0 to 5.5
30
50
mA
Programming
time
tFW(1)
• 128-byte programming
• Erasing current including
• Time for setting up 128 byte data is
excluded.
3.0 to 5.5
22.5
35
ms
UART (Full Duplex) Operating Conditions at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4= 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Transfer rate
UBR, UBR2
UTX1(P32),
RTX1(P33),
UTX2(P33),
RTX2(P34)
2.5 to 5.5
16/3
8192/3
tCYC
Data length : 7/8/9 bits (LSB first)
Stop bits
: 1-bit (2-bit in continuous data transmission)
Parity bits
: None
Example of Continuous 8-bit Data Transmission Mode Processing (First Transmit Data = 55H)
Example of Continuous 8-bit Data Reception Mode Processing (First Receive Data = 55H)
Transmit data (LSB first)
Start of
transmission
End of
transmission
UBR,
UBR2
Start bit
Stop bit
UBR,
UBR2
Receive data (LSB first)
Start of
reception
End of
reception
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com