Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6C26 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6C26 Datasheet HTML 1Page - Microchip Technology MCP6C26 Datasheet HTML 2Page - Microchip Technology MCP6C26 Datasheet HTML 3Page - Microchip Technology MCP6C26 Datasheet HTML 4Page - Microchip Technology MCP6C26 Datasheet HTML 5Page - Microchip Technology MCP6C26 Datasheet HTML 6Page - Microchip Technology MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 5
MCP6C26
Figure 1, Figure 2 and Figure 3 show input offset
voltage versus temperature for the three gain options
(GDM = 50, 100 and 200 V/V).
FIGURE 1:
Input Offset Voltage vs.
Temperature, GDM = 50 V/V.
FIGURE 2:
Input Offset Voltage vs.
Temperature, GDM = 100 V/V.
FIGURE 3:
Input Offset Voltage vs.
Temperature, GDM = 200 V/V.
The MCP6C26's CMRR supports applications in noisy
environments. Figure 4 shows how CMRR is high,
even for frequencies near 100 kHz.
FIGURE 4:
CMRR vs. Frequency.
0
10
20
30
40
50
60
70
80
90
100
1000
10000
100000
Frequency (Hz)
Gain = 50
Gain = 100
Gain = 200
1k
10k
V
DD = 5.5V
V
CM = 0V to 36V
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com