Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6C26 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6C26 Datasheet HTML 3Page - Microchip Technology MCP6C26 Datasheet HTML 4Page - Microchip Technology MCP6C26 Datasheet HTML 5Page - Microchip Technology MCP6C26 Datasheet HTML 6Page - Microchip Technology MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology MCP6C26 Datasheet HTML 10Page - Microchip Technology MCP6C26 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 9
MCP6C26
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD =5.5V, VSS = GND, VCM =15V, VDM =0V,
VREF =VDD/2, VOUT =VDD/2, VL =VDD/2, RL = 10 kΩ and CL =30 pF
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Specified Temperature Range
TA
-40
—
+125
°C
Note 1
Operating Temperature Range
-40
—
—
Note 1
Storage Temperature Range
-60
—
+150
No power
Thermal Resistance, SC-70
JA
—209
—
°C/W
Note 1:
Operation must not cause TJ to exceed the Absolute Maximum Junction Temperature specification (+155°C), which is
not intended for continuous use. See Section 4.1.5, Temperature Performance for design tips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com