Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6C26 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6C26
Description  Zero-Drift, 36V Current Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6C26 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6C26 Datasheet HTML 1Page - Microchip Technology MCP6C26 Datasheet HTML 2Page - Microchip Technology MCP6C26 Datasheet HTML 3Page - Microchip Technology MCP6C26 Datasheet HTML 4Page - Microchip Technology MCP6C26 Datasheet HTML 5Page - Microchip Technology MCP6C26 Datasheet HTML 6Page - Microchip Technology MCP6C26 Datasheet HTML 7Page - Microchip Technology MCP6C26 Datasheet HTML 8Page - Microchip Technology MCP6C26 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006928A-page 3
MCP6C26
Features
• Single Amplifier: MCP6C26
- Gains: 50, 100 and 200 V/V
• Bidirectional or Unidirectional
• Input (“Common Mode”) Voltages:
- -0.2V to +36V, Specified
- -5V to +39.5V, Survival
• Power Supply
- 2.7V to 5.5V
- Single or Dual (Split) Supplies
• High DC Precision
-VOS: ±15 µV (typical)
- CMRR: 129 dB (typical at GDM = 200)
- PSRR: 136 dB (typical at GDM = 200)
- Gain Error: ±0.05% (typical)
• POR Protection
- LV POR for VDD
• Gain-Bandwidth Product: 9 MHz (typical)
• Supply Current
-IDD =65µA (typical)
• Specified Temperature Range
- -40°C to +125°C
Typical Applications
• DC/DC Converters
• Battery Management
• USB Power Delivery
• Uninterruptible Power Supplies
• Differential Sensor Conditioning
General Description
The Microchip Technology Inc. MCP6C26 current
sense amplifier is offered with preset gains of 50, 100
and 200 V/V. The input voltage range (VIP and VIM) is
-0.2V to +36V. The Differential-Mode input range
(VDM =VIP -VIM) supports unidirectional and bidirec-
tional applications. The power supply can be set
between 2.7V and 5.5V. Parts come in an SC70 pack-
age and are specified over the -40°C to +125°C
(E-Temp) range.
The architecture includes an internal Zero-Drift op amp
and precision internal resistors. It supports very low
input errors and allows current sense designs to use
shunt resistors of lower value (with lower power
dissipation).
Package Types (Top View)
Typical Application Circuit
MCP6C26
SC70
VDD
VSS
VIP
1
2
3
6
4
VOUT
VREF
5 VIM
VOUT
+
–
VSS
RSH
VREF
VDD
VDD
Load Supply
(-0.2V to 36V)
ZL
100 nF
2.2 μF
VDD/2
Zero-Drift, 36V Current Sense Amplifier


Similar Part No. - MCP6C26

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6C04 MICROCHIP-MCP6C04 Datasheet
2Mb / 54P
Zero-Drift, 52V High-Side Current Sense Amplifier
08/15/18
MCP6C04T-020E MICROCHIP-MCP6C04T-020E Datasheet
2Mb / 54P
Zero-Drift, 52V High-Side Current Sense Amplifier
08/15/18
MCP6C04T-050E MICROCHIP-MCP6C04T-050E Datasheet
2Mb / 54P
Zero-Drift, 52V High-Side Current Sense Amplifier
08/15/18
MCP6C04T-100E MICROCHIP-MCP6C04T-100E Datasheet
2Mb / 54P
Zero-Drift, 52V High-Side Current Sense Amplifier
08/15/18
More results

Similar Description - MCP6C26

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com