Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C4511 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C4511
Description  PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4511 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C4511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI6C4511
PLL Clock Multiplier
4
PS8762C
06/09/06
AC Electrical Characteristics (VCC = 3.3V± 10% and 5.0V± 10%, TA= 0°C to +70ºC, unless noted)
Sym.
Parameter
Test Condition
Pin
Min.
Typ.
Max.
Unit
FIN
Input Frequency
Crystal
ICLK
5
30
MHz
FOUT Output Frequency
CLK
200
MHz
Tr
Output clock rise time
0.8 to 2.0V
1
ns
Tf
Output clock fall time
2.0 to 0.8V
CLK
1
ns
TDC Output clock duty cycle
At VCC/2, f ≤ 150MHz
CLK
45
50
55
%
At VCC/2, 150MHz ≤ f ≤ 200MHz
40
50
60
BW
PLL bandwidth
10
kHz
TOE Output enable time
OE high to output on
50
ns
TOT Output disable time
OE low to tri-state
50
TPJ
Period Jitter
70MHz to 200MHz
CLK
75
150
ps
TPPJ Output Peak-to-peak Jitter
40 to 150MHz
CLK
100
300
ps
Recommended Crystal Specifications
Parameter
Value
Units
Mode of Oscillation
Fundamental
AT
Frequency
5 - 30
MHz
Frequency Tolerance
±50
PPM
Temperature and Aging Stability
±50
PPM
CO/CI Ratio
240
Load Cap
18
pF
Equivalent Series Resistance
30
Ω
Recommended Crystal
Pericom recommends the Pericom 49S SMD series crystal, which is a low cost, low profile SMD crystal packaged in a HC-49/u
short SMD package.
06-0104



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com