Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C4511 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C4511
Description  PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4511 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C4511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI6C4511
PLL Clock Multiplier
3
PS8762C
06/09/06
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested)
Storage temperature ........................................................ -65 to +150ºC
Ambient Operating Temperature ..........................................0 to +70ºC
Supply Voltage to Ground Potential (VCC)...................... -0.3 to +7.0V
Inputs (Referenced to GND)......................................-0.5 to Vcc+0.5V
Clock Output (Referenced to GND) ..........................-0.5 to Vcc+0.5V
Soldering Temperature (Max of 10 seconds).............................+260ºC
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Recommended Operation Conditions
Symbol Description
Test Condition
Min.
Typ.
Max. Units
VCC
Supply Voltage
3
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
TA
Operating Temperature
0
+70
°C
DC Electrical Characteristics (VCC = 3.3V± 10% and 5.0V± 10%, TA= 0°C to +70ºC, unless noted)
Symbol
Description
Test Condition
Pin
Min.
Typ.
Max.
Units
VCC
Supply Voltage
VCC
3
5.5
V
ICC
Supply Current
No load, 20MHz crystal
12
20
mA
VIH
Input Logic HIGH
ICLK
VCC/2 +1
V
OE
2
V
VIL
Input Logic LOW
ICLK
VCC/2 -1
V
OE
0.8
V
VIH
Input Logic HIGH
S0, S1
VCC -0.5
V
VIM
Input mid-Level
VCC/2
V
VIL
Input Low Level
0.5
V
VOH
HIGH-level output voltage
IOH = -12mA
CLK
2.4
V
VOL
LOW-level output voltage
IOL = 12mA
0.4
V
06-0104



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com