Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C4511 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C4511
Description  PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4511 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C4511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4511 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8762C
06/09/06
Features
• Zero ppm multiplication error
• Input crystal frequency range: 5 - 30 MHz
• Input clock frequency range: 4 - 50 MHz
• Output clock frequencies up to 200 MHz
• Period jitter ≤ 150ps
• 9 selectable frequencies
• Operating voltages: 3.3V ±10% and 5.0V ±10%
• Tri-state output
• Packaging (Pb-Free and Green):
—8-pin SOIC (W)
Block Diagram
Description
The PI6C4511 is a high performance frequency multiplier, that
integrates analog Phase Lock Loop (PLL).
The PI6C4511 is the most cost effective way to generate a high
quality, high frequency clock output from a crystal input or clock
input. It is designed to replace crystal oscillators in electronic
systems, or to be used as clock multiplier and frequency
translation.
The complex logic divider generates nine different popular
multiplication factors, allowing the device to produce output of
many common frequencies.
The device also has an Output Enable pin that tri-states the clock
output. The PI6C4511 is intended for applications that needed clock
generation and frequency translation with low output jitter.
PI6C4511
PLL Clock Multiplier
PLL Clock Synthesis
and
Control Circuit
Crystal
Oscillator
S0
S1
X2
CLK
X1/ICLK
Output
Buffer
OE
06-0104


Similar Part No. - PI6C4511

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
PLL Clock Multiplier
PI6C4512W PERICOM-PI6C4512W Datasheet
443Kb / 4P
PLL Clock Multiplier
PI6C4512WE PERICOM-PI6C4512WE Datasheet
443Kb / 4P
PLL Clock Multiplier
More results

Similar Description - PI6C4511

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501A ICST-ICS501A Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
logo
Pericom Semiconductor C...
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
PLL Clock Multiplier
logo
Integrated Device Techn...
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
PLL Clock Multiplier
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
PLL Clock Multiplier
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
PLL Clock Multiplier
PT7C4512 PERICOM-PT7C4512 Datasheet
267Kb / 5P
PLL Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com