Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-P1.5R Datasheet(PDF) 8 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 4Page - OSRAM GmbH C3-P1.5R Datasheet HTML 5Page - OSRAM GmbH C3-P1.5R Datasheet HTML 6Page - OSRAM GmbH C3-P1.5R Datasheet HTML 7Page - OSRAM GmbH C3-P1.5R Datasheet HTML 8Page - OSRAM GmbH C3-P1.5R Datasheet HTML 9Page - OSRAM GmbH C3-P1.5R Datasheet HTML 10Page - OSRAM GmbH C3-P1.5R Datasheet HTML 11Page - OSRAM GmbH C3-P1.5R Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
AS1170
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
8 / 53
/
Parameter
Min
Max
Unit
Comments
Moisture sensitivity level (MSL)
MSL1
Represents a max. floor life time of
unlimited
(1) Depending on actual PCB layout and PCB used measured on demoboard; for peak power dissipation during flashing see
document AS1170 thermal measurements.
(2) PDERATE de-rating factor changes the total continuous power dissipation (PT) if the ambient temperature is not 70 °C.
Therefore for e.g. TAMB = 85 °C, calculate PT at 85 °C = PT - PDERATE * (85 °C to 70 °C).
(3) Pins LED_OUT1 connected to LED_OUT2 and capacitor CVOUT connected to VOUT1/2 and GND; both GND pins connected
together.
(4) Measured on AS1170 demoboard.
5
Electrical characteristics
Table 4: Electrical characteristics of AS1170
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
General operating conditions
VVIN
Supply voltage
Pin VIN
2.7
3.7
4.4
V
VVINREDUCED_F
UNC
Supply voltage
AS1170 functionally working, but
not all parameters fulfilled
2.5
2.7
V
4.4
5.5
ISHUTDOWN
Shutdown current
SCL=SDA=0 V, VVIN<3.7 V
0.6
2.0
µA
ISTANBY
Standby current
Interface active, VVIN<3.7 V
1.0
10
µA
TAMB
Operating
temperature
-30
25
85
°C
Eta
Application
efficiency (DCDC
and current sink)
LCOIL = 0.6 µH @ 3 A, LESR=
60 m
Ω, LED_OUT1,2=1300 mA,
tFLASH<300 ms
84
%
DCDC step up converter
VVOUT
DCDC boost
output voltage (pin
VOUT1/2)
2.8
5.5
V
VVOUT5V
DCDC boost
output voltage (pin
VOUT1/2)
Constant voltage mode operation
const_v_mode=1 (see Page 49)
5.0
V
RPMOS
On-resistance
DCDC internal PMOS switch
70
m
Ω
RNMOS
On-resistance
DCDC internal NMOS switch
70
m
Ω
fCLK
Operating
frequency
All internal timings are derived
from this oscillator
-7.5%
4.0
+7.5%
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com