Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-P1.5R Datasheet(PDF) 10 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button C3-P1.5R Datasheet HTML 6Page - OSRAM GmbH C3-P1.5R Datasheet HTML 7Page - OSRAM GmbH C3-P1.5R Datasheet HTML 8Page - OSRAM GmbH C3-P1.5R Datasheet HTML 9Page - OSRAM GmbH C3-P1.5R Datasheet HTML 10Page - OSRAM GmbH C3-P1.5R Datasheet HTML 11Page - OSRAM GmbH C3-P1.5R Datasheet HTML 12Page - OSRAM GmbH C3-P1.5R Datasheet HTML 13Page - OSRAM GmbH C3-P1.5R Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
AS1170
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
10 / 53
/
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
VLEDSHORT
Flash LED short
circuit detection
voltage
Voltage measured between pins
VOUT1,2 and LED_OUT1,2
1.0
V
TOVTEMP
Overtemperature
protection
Junction temperature
144
°C
TOVTEMPHYST
Overtemperature
hysteresis
5
°C
tFLASHTIMEOUT
Flash timeout
timer
Can be adjusted with register
flash_timeout
2
1280
ms
Accuracy
-7.5
+7.5
%
VUVLO
Undervoltage
lockout
Falling VVIN
2.25
2.4
2.5
V
Rising VVIN
VUVLO+
0.05
VUVLO+
0.1
VUVLO+
0.15
V
Digital interface
VIH
High level input
voltage
Pins SCL, SDA
1.26
VVIN
V
VIL
Low level input
voltage
0.0
0.54
V
VIHFLASH
High level input
voltage
Pin STROBE
0.7
VVIN
V
VILFLASH
Low level input
voltage
0.0
0.54
V
VOL
Low level output
voltage
Pin SDA, IOL=3 mA
0.3
V
ILEAK
Leakage current
Pins SCL, SDA
-1.0
0.0
+1.0
µA
IPD
Pulldown current
to GND
Pins STROBE
36
µA
tTIMEOUT
SCL timeout
In indicator, assist or flash mode, if
SCL is low longer than this
timeout, the AS1170 automatically
enters shutdown mode
35
100
ms
(1) VVIN = +2.7 V to +4.4 V, TAMB = -30 °C to 85 °C, unless otherwise specified. Typical values are at VVIN = +3.7 V, TAMB = 25 °C,
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com