Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-P1.5R Datasheet(PDF) 2 Page - OSRAM GmbH

Part # C3-P1.5R
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

C3-P1.5R Datasheet(HTML) 2 Page - OSRAM GmbH

  C3-P1.5R Datasheet HTML 1Page - OSRAM GmbH C3-P1.5R Datasheet HTML 2Page - OSRAM GmbH C3-P1.5R Datasheet HTML 3Page - OSRAM GmbH C3-P1.5R Datasheet HTML 4Page - OSRAM GmbH C3-P1.5R Datasheet HTML 5Page - OSRAM GmbH C3-P1.5R Datasheet HTML 6Page - OSRAM GmbH C3-P1.5R Datasheet HTML 7Page - OSRAM GmbH C3-P1.5R Datasheet HTML 8Page - OSRAM GmbH C3-P1.5R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
AS1170
Table of contents
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
2 / 53
/
Table of contents
1
General description ................................................. 4
1.1
Key benefits & features........................................................... 4
1.2
Applications ............................................................................ 4
1.3
Block diagram ......................................................................... 5
2
Ordering information ............................................... 5
3
Pin assignment ........................................................ 6
4
Absolute maximum ratings ..................................... 7
5
Electrical characteristics......................................... 8
5.1
I²C specifications .................................................................. 11
5.2
Timing diagrams ................................................................... 12
6
Typical operating characteristics ......................... 13
7
Detailed description............................................... 16
7.1
Softstart / soft ramp down ..................................................... 17
7.2
4 MHz / 1 MHz operating mode switching ............................ 17
7.3
Protection and fault detection functions ................................ 18
7.4
Overvoltage protection.......................................................... 18
7.5
Short circuit protection .......................................................... 19
8
Register description .............................................. 34
8.1
ChipID register...................................................................... 34
8.2
Current set LED1 register ..................................................... 34
8.3
Current set LED2 register ..................................................... 35
8.4
Low voltage register.............................................................. 36
8.5
Flash timer register ............................................................... 37
8.6
Control register ..................................................................... 39
8.7
Strobe signaling register ....................................................... 40
8.8
Fault register......................................................................... 40
8.9
PWM and indicator register .................................................. 41
8.10
Minimum LED current register .............................................. 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com