Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP-222F-R2 Datasheet(PDF) 4 Page - Eravant

Part # SAP-222F-R2
Description  WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-222F-R2 Datasheet(HTML) 4 Page - Eravant

  SAP-222F-R2 Datasheet HTML 1Page - Eravant SAP-222F-R2 Datasheet HTML 2Page - Eravant SAP-222F-R2 Datasheet HTML 3Page - Eravant SAP-222F-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SAP-222F-R2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
4/4
Final Rev 1.4
NOTE:
On condition that test data is provided it is collected from a sample lot. Actual data may vary slightly from unit to unit. All
testing is performed under +25 °C room temperature.
On condition that simulated test data is provided, actual measured data may slightly vary.
Eravant reserves the right to change the information presented without notice.
CAUTION:
Any foreign objects in the antenna will cause performance degradation and possible device damage.
For 1.35 mm, 1.85 mm, 2.4 mm, 2.92 mm, and SMA connectors proper torque should be applied: 8.0 ± 0.15 inch-pounds
(0.90 ± 0.02 Nm). Torque wrench model SCH-08008-S1 is highly recommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com