Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP-222F-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-222F-R2
Description  WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-222F-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-222F-R2 Datasheet HTML 1Page - Eravant SAP-222F-R2 Datasheet HTML 2Page - Eravant SAP-222F-R2 Datasheet HTML 3Page - Eravant SAP-222F-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SAP-222F-R2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/4
Final Rev 1.4
WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm
Coax Input
SAP-222F-R2 is a Q-band probe antenna with a right angle (90°) 2.4 mm
(F) coax connector to cover the frequency range of 33 GHz to 50 GHz.
The antenna offers 6.5 dBi nominal directivity and 115 degrees typical
half power beamwidth on the E-plane and 60 degrees typical half power
beamwidth on the H-plane. The antenna supports linear polarized
waveforms. The end-launch model is offered under model number
SAP-222F-E2.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
33 GHz
50 GHz
Directivity
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-14 dB
Return Loss
10 dB
Power Handling
40 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Antenna Ports
2.4 mm Female
Material
Brass
Connector Material
Stainless Steel
Finish
Gold Plated
Weight
1.6 Oz
Size
3.20
” (L) x 1.13” (Ø)
Outline
AP-RQC-R
ECCN
EAR99
FEATURES
Inline Configuration
Linear Polarization
APPLICATIONS
Antenna Ranges
Antenna Gain Measurements
System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - SAP-222F-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-222F-E2 ERAVANT-SAP-222F-E2 Datasheet
349Kb / 4P
WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
Rev 1.2
More results

Similar Description - SAP-222F-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51059 PASTERNACK-PE51059 Datasheet
110Kb / 1P
Dome style Antenna 800-3000 MHz, 3-6.5 dBi
PE51066 PASTERNACK-PE51066 Datasheet
392Kb / 1P
GPS Passive Antenna, 3.0 dBi
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
WAN10RSP HONEYWELL-WAN10RSP Datasheet
824Kb / 1P
5.0 dBi ANTENNA
logo
Level One
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
8.5 dBi Indoor/Outdoor Antenna
logo
Pasternack Enterprises,...
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
logo
Microchip Technology
TRF1002 MICROCHIP-TRF1002 Datasheet
76Kb / 1P
Aristotle RFA-02-5-F7H1 5 dBi 2.4 GHz External Antenna
3/26/2012
TRF1001 MICROCHIP-TRF1001 Datasheet
75Kb / 1P
Aristotle RFA-02-L2H1 2 dBi 2.4 GHz External Antenna
3/26/2012
logo
Pasternack Enterprises,...
PE51172 PASTERNACK-PE51172 Datasheet
348Kb / 3P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Typical 8 dBi Gain N Female Input Connector IP67 Rated
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com