Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFX00007 Datasheet(PDF) 6 Page - Arduino

Part # AFX00007
Description  Arduino Opta® Analog Expansion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00007 Datasheet(HTML) 6 Page - Arduino

Back Button AFX00007 Datasheet HTML 2Page - Arduino AFX00007 Datasheet HTML 3Page - Arduino AFX00007 Datasheet HTML 4Page - Arduino AFX00007 Datasheet HTML 5Page - Arduino AFX00007 Datasheet HTML 6Page - Arduino AFX00007 Datasheet HTML 7Page - Arduino AFX00007 Datasheet HTML 8Page - Arduino AFX00007 Datasheet HTML 9Page - Arduino AFX00007 Datasheet HTML 10Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Arduino Opta® Analog Expansion
6 / 15
Arduino Opta® Analog Expansion
Modified: 15/11/2024
2.2.3 RTD Input Mode
The Analog Expansion input channels can be used for temperature metering with PT100 RTDs.
Characteristics
Details
Input range
0...1 MΩ
Bias voltage
2.5 V
2 wires RTDs can be connected to any of the eight channels.
3 Wires RTD Connection
RTD with 3 wires has generally two wires with the same color.
Connect the two wires with the same color to the - and the ICx screw terminals respectively.
Connect the wire with a different color to the + screw terminal.
3 wires RTD can only be measured by channels I1 and I2.
3 Wires RTD connection example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com