Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFX00007 Datasheet(PDF) 7 Page - Arduino

Part # AFX00007
Description  Arduino Opta® Analog Expansion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00007 Datasheet(HTML) 7 Page - Arduino

Back Button AFX00007 Datasheet HTML 3Page - Arduino AFX00007 Datasheet HTML 4Page - Arduino AFX00007 Datasheet HTML 5Page - Arduino AFX00007 Datasheet HTML 6Page - Arduino AFX00007 Datasheet HTML 7Page - Arduino AFX00007 Datasheet HTML 8Page - Arduino AFX00007 Datasheet HTML 9Page - Arduino AFX00007 Datasheet HTML 10Page - Arduino AFX00007 Datasheet HTML 11Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Arduino Opta® Analog Expansion
7 / 15
Arduino Opta® Analog Expansion
Modified: 15/11/2024
2.3 Outputs
Characteristics
Details
Number of channels
8x, (2x used simultaneously recommended)
Channels programmable as outputs
I1, I2, I3, I4, O1, I5, I6, O2
Type of outputs supported
Analog voltage and current
DAC resolution
13 bit
Charge pump for zero voltage output
Yes
All eight analog channels can be used as outputs but due to power dissipation limitations, it is recommended to have up to
2 channels set at output at the same time.
At 25°C of ambient temperature, all the 8 channels set as outputs have been tested at the same time while outputting
more than 24 mA at 10 V each (>0.24W per channel).
2.3.1 Voltage Output Mode
This output mode lets you control voltage-driven actuators.
Characteristics
Details
Analog output voltage
0...11 V
Resistive load range
500 Ω...100 kΩ
Maximum capacitive load
2 μF
Short-circuit current per channel
(sourcing)
Min: 25 mA, Typ: 29 mA, Max: 32 mA (lower limit bit = 0 (default)), Min: 5.5 mA,
Typ: 7 mA, Max: 9 mA (lower limit bit = 1)
Short-circuit current per channel
(sinking)
Min: 3.0 mA, Typ: 3.8 mA, Max: 4.5 mA
Accuracy
+/- 1%
Repeatability
+/- 1%
2.3.2 Current Output Mode
This output mode lets you control current-driven actuators.
Characteristics
Details
Analog output current
0...25 mA
Maximum output voltage when sourcing 25 mA
11.9 V ± 20%
Open circuit voltage
16.9 V ± 20%
Output impedance
Min: 1.5 MΩ, Typ: 4 MΩ
Accuracy
1% in 0-10 mA range, 2% in 10-24 mA range
Repeatability
1% in 0-10 mA range, 2% in 10-24 mA range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com