Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFX00007 Datasheet(PDF) 8 Page - Arduino

Part # AFX00007
Description  Arduino Opta® Analog Expansion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00007 Datasheet(HTML) 8 Page - Arduino

Back Button AFX00007 Datasheet HTML 4Page - Arduino AFX00007 Datasheet HTML 5Page - Arduino AFX00007 Datasheet HTML 6Page - Arduino AFX00007 Datasheet HTML 7Page - Arduino AFX00007 Datasheet HTML 8Page - Arduino AFX00007 Datasheet HTML 9Page - Arduino AFX00007 Datasheet HTML 10Page - Arduino AFX00007 Datasheet HTML 11Page - Arduino AFX00007 Datasheet HTML 12Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Arduino Opta® Analog Expansion
8 / 15
Arduino Opta® Analog Expansion
Modified: 15/11/2024
2.3.3 PWM Output Channels
The Analog Expansion has four PWM output channels (P1...P4). They are software configurable and for them to
work you must provide the VPWM pin with the desired voltage.
VPWM Voltage
Details
Source voltage supported
8...24 VDC
Period
Programmable
Duty-cycle
Programmable (0-100%)
2.3.4 Status LEDs
The Analog Expansion features eight user-programmable LEDs ideal for status reporting in the front panel.
Description
Value
Number of LEDs
8x
3 Ratings
3.1 Recommended Operating Conditions
Description
Value
Temperature Operating Range
-20...50 °C
Protection degree rating
IP20
Pollution degree
2 conforming to IEC 61010
3.2 Power Specification (Ambient Temperature)
Property
Min
Typ
Max
Unit
Supply voltage
12
-
24
V
Permissible range
9.6
-
28.8
V
Power consumption (12V)
1.5
-
-
W
Power consumption (24V)
1.8
-
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com