Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHDMI2FS4 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PHDMI2FS4
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHDMI2FS4 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PHDMI2FS4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Nexperia
PHDMI2FS4
Extremely low capacitance unidirectional ESD protection diode array
9. Soldering
SOT1176-2
Footprint information for reflow soldering of DFN2510A-10 package
Hx
By
Hy
0.05
C
P
D
0.05
Ay
Dimensions in mm
Ay
By
C
D
Hy
1.25
0.3
0.475
0.2
P
0.5
1.5
Hx
2.45
Generic footprint pattern
Refer to the package outline drawing for actual layout
recommended stencil thickness: 0.1 mm
sot1176-2_fr
occupied area
solder paste
solder resist
solder land
Issue date 21-07-05
Fig. 2. Reflow soldering footprint for DFN2510A-10 (SOT1176-2)
PHDMI2FS4_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Short data sheet
27 September 2024
4 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com