Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHDMI2FS4 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PHDMI2FS4
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHDMI2FS4 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PHDMI2FS4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHDMI2FS4
Extremely low capacitance unidirectional ESD protection
diode array
27 September 2024
Short data sheet
1. General description
Extremely low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510A-10 (SOT1176) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.
2. Features and benefits
• Unidirectional ESD protection for four signal lines
• VRWM = 5 V device
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low clamping voltage: 2.8 V for 8 A 100 ns TLP and 4.4 V for 16 A 100 ns TLP
• IEC61000-4-4 robust up to 36 A into a 50 Ohm termination (1.8 kV)
• IEC 61000-4-5 (surge): IPP = 8.2 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.29 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510A-10 (SOT1176) surface mount package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• HDMI2.1 TMDS/FRL lines
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-0.5
-
5
V
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; pin 1;
Tamb = 25 °C
-
0.29
0.34
pF


Similar Part No. - PHDMI2FS4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHDMI2F4 NEXPERIA-PHDMI2F4 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
PHDMI2FC4 NEXPERIA-PHDMI2FC4 Datasheet
197Kb / 7P
Very low capacitance unidirectional ESD protection diode array
27 September 2024
PHDMI2FR4 NEXPERIA-PHDMI2FR4 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
PHDMI2FR4Z NEXPERIA-PHDMI2FR4Z Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
More results

Similar Description - PHDMI2FS4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1USF PHILIPS-PESD5V0F1USF_15 Datasheet
292Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
Rev. 1-11 December 2012
logo
Nexperia B.V. All right...
PESD5V0F1USF NEXPERIA-PESD5V0F1USF Datasheet
239Kb / 10P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C1UZF NEXPERIA-PESD5V0C1UZF Datasheet
228Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD15VW1UCSF NEXPERIA-PESD15VW1UCSF Datasheet
156Kb / 7P
Extremely low capacitance unidirectional ESD protection diode
25 January 2022
PUSB3BB4 NEXPERIA-PUSB3BB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
10 August 2023
PUSB3CB4 NEXPERIA-PUSB3CB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
8 August 2023
PUSB3FS4 NEXPERIA-PUSB3FS4 Datasheet
169Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
8 February 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com