Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHDMI2FS4 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PHDMI2FS4
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHDMI2FS4 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHDMI2FS4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHDMI2FS4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nexperia
PHDMI2FS4
Extremely low capacitance unidirectional ESD protection diode array
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10 9
8
7
6
1
2
3
4
5
DFN2510A-10 (SOT1176-2)
CH1
CH2
CH3
CH4
GND
=
aaa-016329
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PHDMI2FS4
DFN2510A-10 plastic, extremely thin small outline package; no leads; 10
terminals; body 1.0 x 2.5 x 0.5 mm
SOT1176-2
7. Application information
The device is designed for the protection of four unidirectional data or signal lines from surge
pulses and ESD damage.
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD
protection during an ESD event. Do not connect unlimited DC current sources to the data lines to
avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage
(due to an ESD pulse for instance).
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge
transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. Minimize the path length between the device and the protected line.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Use ground planes whenever possible. For multilayer PCBs, use ground vias.
PHDMI2FS4_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Short data sheet
27 September 2024
2 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com