Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011M-R Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7050X3 MACsec | Features
Network Management
• CloudVision
• 10/100/1000 Management Port
• RS-232 Serial Console Port
• USB Port
• SNMP v1, v2, v3
• Management over IPv6
• Telnet and SSHv2
• Syslog
• AAA
• Industry Standard CLI
Extensibility
• Linux Tools
• Bash shell access and scripting
• RPM support
• Custom kernel modules
• Programmatic access to system state
• Python
• C++
• Native KVM/QEMU support
Standards Compliance
• 802.1D Bridging and Spanning Tree
• 802.1p QOS/COS
• 802.1Q VLAN Tagging
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• 802.1AB Link Layer Discovery Protocol
• 802.3ad Link Aggregation with LACP
• 802.3ab 1000BASE-T
• 802.3z Gigabit Ethernet
• 802.3ae 10 Gigabit Ethernet
• 802.3by 25 Gigabit Ethernet
• 802.3ba 40 and 100 Gigabit Ethernet
• RFC 2460 Internet Protocol, Version 6 (IPv6) Speci cation
• RFC 4861 Neighbor Discovery for IP Version 6 (IPv6)
• RFC 4862 IPv6 Stateless Address Autocon guration
• RFC 4443 Internet Control Message Protocol (ICMPv6) for the
Internet Protocol Version 6 (IPv6) Speci cation
SNMP MIBs
• RFC 3635 EtherLike-MIB
• RFC 3418 SNMPv2-MIB
• RFC 2863 IF-MIB
• RFC 2864 IF-INVERTED-STACK-MIB
• RFC 4292 IP-FORWARD-MIB
• RFC 4363 Q-BRIDGE-MIB
• RFC 4188 BRIDGE-MIB
• RFC 2013 UDP-MIB
• RFC 2012 TCP-MIB
• RFC 2011 IP-MIB
• RFC 2790 HOST-RESOURCES-MIB
• RFC 3636 MAU-MIB
• RMON-MIB
• RMON2-MIB
• HC-RMON-MIB
• LLDP-MIB
• LLDP-EXT-DOT1-MIB
• LLDP-EXT-DOT3-MIB
• ENTITY-MIB
• ENTITY-SENSOR-MIB
• ENTITY-STATE-MIB
• ARISTA-ACL-MIB
• ARISTA-QUEUE-MIB
• RFC 4273 BGP4-MIB
• RFC 4750 OSPF-MIB
• ARISTA-CONFIG-MAN-MIB
• ARISTA-REDUNDANCY-MIB
• RFC 2787 VRRPv2-MIB
• MSDP-MIB
• PIM-MIB
• IGMP-MIB
• IPMROUTE-STD-MIB
• SNMP Authentication Failure trap
• ENTITY-SENSOR-MIB support for DOM (Digital Optical
Monitoring)
• User con gurable custom OIDs
See EOS release notes for latest supported MIBs
Table Sizes
STP Instances
64 (MST)/510 (RPVST+)
IGMP Groups
288K, with 16K unique groups
ACLs
2K
Egress ACLs
2K
ECMP
128-way, 1K groups
* Not currently supported in EOS
UFT Mode - 2 is default
0
1
2
3
4
MAC Addresses
288K
224K
160K
96K
32K
IPv4 Host Routes
16K
80K
144K
168K
16K
IPv4 Multicast (S,G)
8K
40K
72K
104K
8K
IPv6 Host Routes
8K
40K
72K
104K
8K
LPM Table Mode
ALPM
1
2
3
4
IPv4 LPM Routes
360K
32K
32K
32K
32K
IPv6 LPM Routes - Unicast
(pre x length <= 64)
0-192K
12K
8K
4K
-
IPv6 LPM Routes - Unicast
(any pre x length)
2K-40K
2K
4K
6K
8K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com