Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011M-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7050X3 MACsec | Ordering Information
Product Number
Product Description
DCS-7050CX3M-32S-F
Arista 7050X3, 32x100GbE QSFP+ & 2xSFP+ switch, MACsec, front-to-rear air, 2xAC
DCS-7050CX3M-32S-R
Arista 7050X3, 32x100GbE QSFP+ & 2xSFP+ switch, MACsec, rear-to-front air, 2xAC
DCS-7050CX3M-32S#
Arista 7050X3, 32x100GbE QSFP+ & 2xSFP+ switch, MACsec, con gurable fans and psu
LIC-FIX-2-MACSEC
MACSEC Encryption License for Arista Fixed switches, 25-64 MACSEC capable ports
LIC-FIX-2-E
Enhanced L3 License for Arista Group 2 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-2-V
Virtualization license for Group 2 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-2-V2
EOS Extensions, Security and Partner Integration license for Arista Group 2 Fixed switches
LIC-FIX-2-Z
Monitoring & Automation license for Arista Group 2 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping, OpenFlow)
LIC-FIX-2-FLX-L
FLX-Lite License for Arista Fixed switches Group 2 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR (no
TE or link/node protection)
Optional Components and Spares
FAN-7011M-F
Spare fan module for Arista 7000 Series 1RU Enhanced Fan Speed (front-to-rear air ow)
FAN-7011M-R
Spare fan module for Arista 7000 Series 1RU Enhanced Fan Speed (rear-to-front air ow)
PWR-1011-AC-RED
Arista PSU, 1RU, AC, 1000W, front-to-rear air ow, 73.5mm
PWR-1011-AC-BLUE
Arista PSU, 1RU, AC, 1000W, rear-to-front air ow, 73.5mm
PWR-1011-DC-RED
Arista PSU, 1RU, DC, 1000W, front-to-rear air ow, 73.5mm
PWR-1011-DC-BLUE
Arista PSU, 1RU, DC, 1000W, rear-to-front air ow, 73.5mm
PWR-1511-AC-RED
Arista PSU, 1RU, AC, 1500W, front-to-rear air ow, 73.5mm
PWR-1511-AC-BLUE
Arista PSU, 1RU, AC, 1500W, rear-to-front air ow, 73.5mm
PWR-1511-DC-RED
Arista PSU, 1RU, DC, 1500W, front-to-rear air ow, 73.5mm
PWR-1511-DC-BLUE
Arista PSU, 1RU, DC, 1500W, rear-to-front air ow, 73.5mm
KIT-7001
Spare accessory kit for Arista 7050X3 1RU switches with tool-less rails
KIT-2POST-1U-NT
Spare 1RU 2 post rail kit for 1RU tool less systems (7050QX-32S, 7050SX/TX, 7050X3, 7060X and 7280)
KIT-4POST-NT
Spare 1RU/2RU tool-less rail kits for 4-post installation (7050QX-32S, 7050SX/TX, 7050X3, 7060X, 7260X, 7280, 7250X)
KIT-GND-EXT-1RU
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com