Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7011M-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
10GbE
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m
10GBASE-SR
300m
10GBASE-LRL
1km
10GBASE-LR
10km
10GBASE-ER
40km
10GBASE-ZR
80km
10GBASE-DWDM
80km
1GbE SX/LX/TX *
Yes
7050X3 MACsec | Technical Speci cations
Environmental Characteristics
Operating Temperature
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Power Supply Speci cations
Power Supply
PWR-1011AC
PWR-1011DC
PWR-1511AC
PWR-1511DC
Input Voltage
100-240V AC
-48 to -60 VDC
200-240V AC
-48 to -60 VDC
Typical Input Current
11- 5A
23A Max (-48V)
9.6A
35.2A Max (-48V)
Input Frequency
50/60Hz
DC
50/60Hz
DC
Output Power
1000W
1000W
1500W
1500W
Input Connector
IEC 320-C13
AWG #6 Max
IEC 320-C13
AWG #6 Max
E ciency
93% Platinum
94%
93% Platinum
92%
* 100Mb is supported on 10G SFP+ ports only
Standards Compliance
EMC
Emissions: FCC, EN55032, EN61000-3-2,
EN61000-3-3
Immunity
EN55024, EN55035
EN300 386
Safety
UL/CSA 60950-1, EN 62368-1, IEC-62368-1, IEC
60950-1
CB Scheme with all country di erences
Certi cations
North America (NRTL)
European Union (EU)
BSMI (Taiwan)
C-Tick (Australia)
CCC (PRC)
KC (S. Korea)
EAC (Eurasian Customs Union)
VCCI (Japan)
European Union
Directives
2006/95/EC Low Voltage Directive
2004/108/EC EMC Directive
2011/65/EU RoHS Directive
2012/19/EU WEEE Directive



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com