Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F314 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91F314
Description  32-bit Microcontroller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F314 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91F314 Datasheet HTML 17Page - fujitsu semiconductor MB91F314 Datasheet HTML 18Page - fujitsu semiconductor MB91F314 Datasheet HTML 19Page - fujitsu semiconductor MB91F314 Datasheet HTML 20Page - fujitsu semiconductor MB91F314 Datasheet HTML 21Page - fujitsu semiconductor MB91F314 Datasheet HTML 22Page - fujitsu semiconductor MB91F314 Datasheet HTML 23Page - fujitsu semiconductor MB91F314 Datasheet HTML 24Page - fujitsu semiconductor MB91F314 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
MB91314A Series
21
■ RESTRICTIONS
1) Clock control block
Take the oscillation stabilization wait time during “L” level input to the INIT pin.
2) Bit Search Module
The bit search data register for 0-detection (BSD0), and bit search data register for 1-detection (BSD1), and
bit search data register for change point detection (BSDC) are only word-accessible.
3) I/O port
Ports are accessed only in bytes.
4) Low Power Consumption Mode
• To place the device in standby mode, use the synchronous standby mode (set with bit 8 (SYNCS bit) of the
timebase counter control register, TBCR) and be sure to use the following sequence:
(ldi
#value_of_standby, r0)
(ldi
#_STCR, r12)
stb
r0, @r12
// set STOP/SLEEP bit
ldub
@r12, r0
// Must read STCR
ldub
@r12, r0
// after reading, go into standby mode
nop
// Must insert NOP *5
nop
nop
nop
nop
• Please do not do the following when the monitor debugger is used.
• Setting of the break point to the above-mentioned instruction row.
• Execution of the step for the above-mentioned instruction row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com