Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G696H263TOUF Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G696H263TOUF
Description  Microprocessor Reset IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696H263TOUF Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G696H263TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G696/G697
Global Mixed-mode Technology Inc.
Interfacing to µPs with Bidirectional Reset Pins
Since the RESET output on the G697L is open drain,
this device interfaces easily with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11. Con-
necting the µP supervisor’s RESET output directly to
the microcontroller’s (µC’s) RESET pin with a single
pull-up resistor allows either device to assert reset
(Figure 5).
G697L Open-Drain RESET Output Allows Use with
Multiple Supplies
Generally, the pull-up connected to the G697L will
connect to the supply voltage that is being monitored
at the IC’s VCC pin. However, some systems may use
the open-drain output to level-shift from the monitored
supply to reset circuitry powered by some other supply
(Figure 6). Note that as the G697L’s VCC decreases
below 1V, so does the IC’s ability to sink current at
RESET . Also, with any pull-up, RESET will be pulled
high as VCC decays toward 0. The voltage where this
occurs depends on the pull-up resistor value and the
voltage to which it is connected.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal
supply voltages. This ensures a reset will not occur
within 5% of the nominal supply, but will occur when
the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or
may not be asserted.
The G69_ _463/G69_ _308 use highly accurate circuitry
to ensure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10% below
nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com