Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G696H263TOUF Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G696H263TOUF
Description  Microprocessor Reset IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696H263TOUF Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G696H263TOUF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G696/G697
Global Mixed-mode Technology Inc.
Microprocessor Reset IC
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull
RESET Output (G696L)
Push-Pull RESET Output (G696H)
Open-Drain RESET Output (G697L)
Externally Programmable Time Delay Generator
14µA Supply Current
Guaranteed Reset Valid to VCC = 0.8V
Power Supply Transient Immunity
5 pin SOT-23-5 or TSOT-23-5 Packages
2% Threshold Accuracy
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G696/G697 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost and adjustments when used with +5V,
+3.3V, +3.0V- powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, with hysteresis keeping it
asserted for time delay determined by externally pro-
grammable time delay generator after VCC has risen
above the reset threshold. Reset thresholds suitable
for operation with a variety of supply voltages are
available.
The G697L has an open-drain output stage, while the
G696 have push-pull outputs. The G697L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G696L
have an active-low RESET output, while the G696H
has an active-high RESET output. The reset com-
parator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct
logic state for VCC down to 0.8V.
Low supply current makes the G696/G697 ideal for
use in portable equipment. The G696/G697 are avail-
able in 5-pin SOT23-5 or TSOT-23-5 packages.
Pin Configuration
Typical Application Circuit
RESET
(RESET)
VCC
SOT-23-5/TSOT-23-5
G696/G697
5
1
2
NC
4
3
GND
CD
()is for G696H
*G697 ONLY
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G696/G697
VCC
CD
V
CC
C
D
R
pull-up*
RESET
(RESET)
VCC
SOT-23-5/TSOT-23-5
G696/G697
5
1
2
NC
4
3
GND
CD
()is for G696H
*G697 ONLY
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G696/G697
VCC
CD
V
CC
C
D
R
pull-up*


Similar Part No. - G696H263TOUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G696H263T GMT-G696H263T Datasheet
211Kb / 8P
Microprocessor Reset IC
More results

Similar Description - G696H263TOUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com