Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G696H263TOUF Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G696H263TOUF
Description  Microprocessor Reset IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696H263TOUF Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G696H263TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G696H263TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G696/G697
Global Mixed-mode Technology Inc.
Package Information
SOT-23-5 (T1) Package
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.10
1.30
0.039
0.043
0.051
A1
0.00
-----
0.10
0.000
-----
0.004
A2
0.70
0.80
0.90
0.028
0.031
0.035
b
0.35
0.40
0.50
0.014
0.016
0.020
C
0.10
0.15
0.25
0.004
0.006
0.010
D
2.70
2.90
3.10
0.106
0.114
0.122
E
1.40
1.60
1.80
0.055
0.063
0.071
e
-----
1.90(TYP)
-----
-----
0.075(TYP)
-----
e1
-----
0.95
-----
-----
0.037
-----
H
2.60
2.80
3.00
0.102
0.110
0.118
L
0.37
------
-----
0.015
-----
-----
θ1
1°
5°
9°
1°
5°
9°
5.
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com