Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 62Page - STMicroelectronics ST72324BK2 Datasheet HTML 63Page - STMicroelectronics ST72324BK2 Datasheet HTML 64Page - STMicroelectronics ST72324BK2 Datasheet HTML 65Page - STMicroelectronics ST72324BK2 Datasheet HTML 66Page - STMicroelectronics ST72324BK2 Datasheet HTML 67Page - STMicroelectronics ST72324BK2 Datasheet HTML 68Page - STMicroelectronics ST72324BK2 Datasheet HTML 69Page - STMicroelectronics ST72324BK2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 188 page
background image
On-chip peripherals
ST72324B
66/188
10.2.5
Low power modes
10.2.6
Interrupts
The MCC/RTC interrupt event generates an interrupt if the OIE bit of the MCCSR register is
set and the interrupt mask in the CC register is not active (RIM instruction).
10.2.7
MCC registers
MCC control/status register (MCCSR)
)
Table 36.
Effect of low power modes on MCC/RTC
Mode
Description
Wait
No effect on MCC/RTC peripheral. MCC/RTC interrupt causes the device to exit
from Wait mode.
Active Halt
No effect on MCC/RTC counter (OIE bit is set), the registers are frozen.
MCC/RTC interrupt causes the device to exit from Active Halt mode.
Halt
MCC/RTC counter and registers are frozen. MCC/RTC operation resumes when
the MCU is woken up by an interrupt with Exit from Halt capability.
Table 37.
MCC/RTC interrupt control/wake-up capability
Interrupt event
Event flag
Enable control bit Exit from WAIT Exit from HALT
Time base overflow event
OIF
OIE
Yes
No(1)
1.
The MCC/RTC interrupt wakes up the MCU from Active Halt mode, not from Halt mode.
MCCSR
Reset value: 0000 0000 (00h)
76543
210
MCO
CP[1:0]
SMS
TB[1:0]
OIE
OIF
R/W
R/W
R/W
R/W
R/W
R/W
Table 38.
MCCSR register description
Bit
Name
Function
7MCO
Main Clock Out selection
This bit enables the MCO alternate function on the PF0 I/O port. It is set and
cleared by software.
0: MCO alternate function disabled (I/O pin free for general-purpose I/O).
1: MCO alternate function enabled (fCPU on I/O port).
Note: To reduce power consumption, the MCO function is not active in Active Halt
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com