Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK2 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 96Page - STMicroelectronics ST72324BK2 Datasheet HTML 97Page - STMicroelectronics ST72324BK2 Datasheet HTML 98Page - STMicroelectronics ST72324BK2 Datasheet HTML 99Page - STMicroelectronics ST72324BK2 Datasheet HTML 100Page - STMicroelectronics ST72324BK2 Datasheet HTML 101Page - STMicroelectronics ST72324BK2 Datasheet HTML 102Page - STMicroelectronics ST72324BK2 Datasheet HTML 103Page - STMicroelectronics ST72324BK2 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 188 page
background image
On-chip peripherals
ST72324B
100/188
Table 54.
SPICR register description
Bit
Name
Function
7
SPIE
Serial Peripheral Interrupt Enable
This bit is set and cleared by software.
0: Interrupt is inhibited.
1: An SPI interrupt is generated whenever SPIF = 1, MODF = 1 or OVR = 1 in the
SPICSR register.
6
SPE
Serial Peripheral Output Enable
This bit is set and cleared by software. It is also cleared by hardware when, in
master mode, SS = 0 (see Master mode fault (MODF) on page 97). The SPE bit is
cleared by reset, so the SPI peripheral is not initially connected to the external
pins.
0: I/O pins free for general purpose I/O
1: SPI I/O pin alternate functions enabled
5
SPR2
Divider Enable
This bit is set and cleared by software and is cleared by reset. It is used with the
SPR[1:0] bits to set the baud rate. Refer to Table 55: SPI master mode SCK
frequency.
0: Divider by 2 enabled
1: Divider by 2 disabled
Note: This bit has no effect in slave mode.
4MSTR
Master mode
This bit is set and cleared by software. It is also cleared by hardware when, in
master mode, SS = 0 (see Master mode fault (MODF) on page 97).
0: Slave mode
1: Master mode. The function of the SCK pin changes from an input to an output
and the functions of the MISO and MOSI pins are reversed.
3CPOL
Clock Polarity
This bit is set and cleared by software. This bit determines the idle state of the
serial Clock. The CPOL bit affects both the master and slave modes.
0: SCK pin has a low level idle state
1: SCK pin has a high level idle state
Note: If CPOL is changed at the communication byte boundaries, the SPI must be
disabled by resetting the SPE bit.
2CPHA
Clock Phase
This bit is set and cleared by software.
0: The first clock transition is the first data capture edge.
1: The second clock transition is the first capture edge.
Note: The slave must have the same CPOL and CPHA settings as the master.
1:0 SPR[1:0]
Serial clock frequency
These bits are set and cleared by software. Used with the SPR2 bit, they select
the baud rate of the SPI serial clock SCK output by the SPI in master mode
(seeTable 55).
Note: These 2 bits have no effect in slave mode.
Table 55.
SPI master mode SCK frequency
Serial clock
SPR2
SPR1
SPR0
fCPU/4
1
0
0
fCPU/8
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com