Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK2 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 47Page - STMicroelectronics ST72324BK2 Datasheet HTML 48Page - STMicroelectronics ST72324BK2 Datasheet HTML 49Page - STMicroelectronics ST72324BK2 Datasheet HTML 50Page - STMicroelectronics ST72324BK2 Datasheet HTML 51Page - STMicroelectronics ST72324BK2 Datasheet HTML 52Page - STMicroelectronics ST72324BK2 Datasheet HTML 53Page - STMicroelectronics ST72324BK2 Datasheet HTML 54Page - STMicroelectronics ST72324BK2 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 188 page
background image
ST72324B
Power saving modes
51/188
Figure 28.
HALT timing overview
Figure 29.
Halt mode flowchart
1.
WDGHALT is an option bit. See Section 14.1 on page 172 for more details.
2.
Peripheral clocked with an external clock source can still be active.
3.
Only some specific interrupts can exit the MCU from Halt mode (such as external interrupt). Refer to
Table 24: Interrupt mapping for more details.
4.
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are
set to the current software priority level of the interrupt routine and recovered when the CC register is
popped.
Halt
Run
Run
256 or 4096 CPU
cycle delay
Reset
or
interrupt
Halt
instruction
Fetch
vector
[MCCSR.OIE = 0]
Halt instruction
Reset
Interrupt(3)
Y
N
N
Y
CPU
Oscillator
Peripherals(2)
I[1:0] bits
off
off
10
off
Fetch reset vector
or service interrupt
CPU
Oscillator
Peripherals
I[1:0] bits
on
off
XX(4)
on
CPU
Oscillator
Peripherals
I[1:0] bits
on
on
XX(4)
on
256 or 4096 CPU clock
delay
Watchdog
Enable
Disable
WDGHALT(1)
0
Watchdog
reset
1
(MCCSR.OIE = 0)
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com