Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK2 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 136Page - STMicroelectronics ST72324BK2 Datasheet HTML 137Page - STMicroelectronics ST72324BK2 Datasheet HTML 138Page - STMicroelectronics ST72324BK2 Datasheet HTML 139Page - STMicroelectronics ST72324BK2 Datasheet HTML 140Page - STMicroelectronics ST72324BK2 Datasheet HTML 141Page - STMicroelectronics ST72324BK2 Datasheet HTML 142Page - STMicroelectronics ST72324BK2 Datasheet HTML 143Page - STMicroelectronics ST72324BK2 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 188 page
background image
Electrical characteristics
ST72324B
140/188
12.4
LVD/AVD characteristics
12.4.1
Operating conditions with LVD
Subject to general operating conditions for TA.
12.4.2
Auxiliary voltage detector (AVD) thresholds
Subject to general operating conditions for TA.
Table 86.
Operating conditions with LVD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD) Reset release threshold (VDD rise)
VD level = high in option byte
4.0(1)
4.2
4.5
V
VD level = med. in option byte(2) 3.55(1)
3.75
4.0(1)
VD level = low in option byte(2)
2.95(1)
3.15
3.35(1)
VIT-(LVD) Reset generation threshold (VDD fall)
VD level = high in option byte
3.8
4.0
4.25(1)
VD level = med. in option byte(2) 3.35(1)
3.55
3.75(1)
VD level = low in option byte(2)
2.8(1)
3.0
3.15(1)
Vhys(LVD) LVD voltage threshold hysteresis
(1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time
(1)
Flash devices
6µs/V
100ms/V
8/16K ROM devices
20ms/V
32K ROM devices
∝ ms/V
tg(VDD)
Filtered glitch delay on VDD
(1)
Not detected by the LVD
40
ns
1.
Data based on characterization results, tested in production for ROM devices only.
2.
If the medium or low thresholds are selected, the detection may occur outside the specified operating voltage range.
Table 87.
AVD thresholds
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒ 0 AVDF flag toggle threshold
(VDD rise)
VD level = high in option byte
4.4(1)
4.6
4.9
V
VD level = med. in option byte
3.95(1) 4.15
4.4(1)
VD level = low in option byte
3.4(1)
3.6
3.8(1)
VIT-(AVD)
0
⇒ 1 AVDF flag toggle threshold
(VDD fall)
VD level = high in option byte
4.2
4.4
4.65(1)
VD level = med. in option byte
3.75(1)
4.0
4.2(1)
VD level = low in option byte
3.2(1)
3.4
3.6(1)
Vhys(AVD) AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
200
mV
∆VIT-
Voltage drop between AVD flag set and
LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
1.
Data based on characterization results, tested in production for ROM devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com