Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK2 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 173Page - STMicroelectronics ST72324BK2 Datasheet HTML 174Page - STMicroelectronics ST72324BK2 Datasheet HTML 175Page - STMicroelectronics ST72324BK2 Datasheet HTML 176Page - STMicroelectronics ST72324BK2 Datasheet HTML 177Page - STMicroelectronics ST72324BK2 Datasheet HTML 178Page - STMicroelectronics ST72324BK2 Datasheet HTML 179Page - STMicroelectronics ST72324BK2 Datasheet HTML 180Page - STMicroelectronics ST72324BK2 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 188 page
background image
ST72324B
Device configuration and ordering information
177/188
ST72324B (5V) MICROCONTROLLER OPTION LIST
(Last updated July 2007)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Power Supply Range:
[ ] 3.8 to 5.5V
Temp. Range (do not check for die product).
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (LQFP32 7 char., other pkg. 10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] Internal RC:
[ ] External Clock
PLL
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] High threshold
[ ] Med. threshold
[ ] Low threshold
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Reset
[ ] No Reset
Readout Protection:
[ ] Disabled
[ ] Enabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Caution: The Readout Protection binary value is inverted between ROM and FLASH products. The option byte
checksum will differ between ROM and FLASH.
---------------------------------
ROM DEVICE:
---------------------------------
||
-------------------------------------
32K
-------------------------------------
||
-------------------------------------
16K
-------------------------------------
||
-------------------------------------
8K
-------------------------------------
LQFP32:
|
[ ] ST72324BK6T
|
[ ] ST72324BK4T
|
[ ] ST72324BK2T
DIP32:
|
[ ] ST72324BK6B
|
[ ] ST72324BK4B
|
[ ] ST72324BK2B
LQFP44 :
|
[ ] ST72324BJ6T
|
[ ] ST72324BJ4T
|
[ ] ST72324BJ2T
DIP42:
|
[ ] ST72324BJ6B
|
[ ] ST72324BJ4B
|
[ ] ST72324BJ2B
---------------------------------
DIE FORM:
---------------------------------
||
---------------------------------------
32K
---------------------------------------
||
---------------------------------------
16K
---------------------------------------
||
--------------------------------------
8K
---------------------------------------
32-pin:
|
[ ]
|
[ ]
|
[ ]
44-pin:
|
[ ]
|
[ ]
|
[ ]
------------------------------------------------------------------------
Packaged Product
------------------------------------------------------------------------
|
|
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
LQFP: [ ] Tape & Reel
[ ] Tray
|
[ ] Tape & Reel
DIP:
[ ] Tube
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
[ ]
|
0°C to +70°C
[ ]
|
-10°C to +85°C
[ ]
|
-40°C to +85°C
[ ]
|
-40°C to +105°C
[ ]
|
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com